Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM61004 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM61004
Description  Four Output, Integrated VCO, Low-Jitter Clock Generator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61004 Datasheet(HTML) 1 Page - Texas Instruments

  CDCM61004 Datasheet HTML 1Page - Texas Instruments CDCM61004 Datasheet HTML 2Page - Texas Instruments CDCM61004 Datasheet HTML 3Page - Texas Instruments CDCM61004 Datasheet HTML 4Page - Texas Instruments CDCM61004 Datasheet HTML 5Page - Texas Instruments CDCM61004 Datasheet HTML 6Page - Texas Instruments CDCM61004 Datasheet HTML 7Page - Texas Instruments CDCM61004 Datasheet HTML 8Page - Texas Instruments CDCM61004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CDCM61004
www.ti.com
SCAS871E – FEBRUARY 2009 – REVISED JULY 2010
Four Output, Integrated VCO, Low-Jitter Clock Generator
Check for Samples: CDCM61004
1
FEATURES
Low Output Skew of 30 ps on LVPECL Outputs
2
One Crystal/LVCMOS Reference Input
Divider Programming Using Control Pins:
Including 24.8832 MHz, 25 MHz, and 26.5625
Two Pins for Prescaler/Feedback Divider
MHz
Three Pins for Output Divider
Input Frequency Range: 21.875 MHz to
Two Pins for Output Select
28.47 MHz
Chip Enable Control Pin Available
On-Chip VCO Operates in Frequency Range of
3.3-V Core and I/O Power Supply
1.75 GHz to 2.05 GHz
Industrial Temperature Range: –40°C to +85°C
4x Output Available:
5-mm × 5-mm, 32-pin, QFN (RHB) Package
Pin-Selectable Between LVPECL, LVDS, or
ESD Protection Exceeds 2 kV (HBM)
2-LVCMOS; Operates at 3.3 V
LVCMOS Bypass Output Available
APPLICATIONS
Output Frequency Selectable by /1, /2, /3, /4, /6,
Low Jitter Clock Driver for High-End Datacom
/8 from a Single Output Divider
Applications Including SONET, Ethernet, Fibre
Supports Common LVPECL/LVDS Output
Channel, Serial ATA, and HDTV
Frequencies:
Cost-Effective High-Frequency Crystal
Oscillator Replacement
62.5 MHz, 74.25 MHz, 75 MHz, 77.76 MHz,
100 MHz, 106.25 MHz, 125 MHz, 150 MHz,
155.52 MHz, 156.25 MHz, 159.375 MHz,
187.5 MHz, 200 MHz, 212.5 MHz, 250 MHz,
DESCRIPTION
311.04 MHz, 312.5 MHz, 622.08 MHz,
The CDCM61004 is a highly versatile, low-jitter
625 MHz
frequency synthesizer that can generate four low-jitter
Supports Common LVCMOS Output
clock
outputs,
selectable
between
low-voltage
Frequencies:
positive emitter coupled logic (LVPECL), low-voltage
differential
signaling
(LVDS),
or
low-voltage
62.5 MHz, 74.25 MHz, 75 MHz, 77.76 MHz,
complementary
metal
oxide
semiconductor
100 MHz, 106.25 MHz, 125 MHz, 150 MHz,
(LVCMOS) outputs, from a low-frequency crystal ot
155.52 MHz, 156.25 MHz, 159.375 MHz,
LVCMOS input for a variety of wireline and data
187.5 MHz, 200 MHz, 212.5 MHz, 250 MHz
communication
applications.
The
CDCM61004
Output Frequency Range: 43.75 MHz to
features
an
onboard
PLL
that
can
be
easily
683.264 MHz (See Table 3)
configured solely through control pins. The overall
output random jitter performance is less than 1ps,
Internal PLL Loop Bandwidth: 400 kHz
RMS (from 10 kHz to 20 MHz), making this device a
High-Performance PLL Core:
perfect choice for use in demanding applications such
Phase Noise typically at –146 dBc/Hz at
as SONET, Ethernet, Fibre Channel, and SAN. The
5-MHz Offset for 625-MHz LVPECL Output
CDCM61004 is available in a small, 32-pin, 5-mm ×
5-mm QFN package.
Random Jitter typically at 0.509 ps, RMS
(10 kHz to 20 MHz) for 625-MHz LVPECL
Output
Output Duty Cycle Corrected to 50% (± 5%)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCM61004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004RHBR TI-CDCM61004RHBR Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004RHBR TI-CDCM61004RHBR Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
More results

Similar Description - CDCM61004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com