Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39162B3520U410 Datasheet(PDF) 4 Page - EPCOS

Part # B39162B3520U410
Description  SAW Components
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39162B3520U410 Datasheet(HTML) 4 Page - EPCOS

  B39162B3520U410 Datasheet HTML 1Page - EPCOS B39162B3520U410 Datasheet HTML 2Page - EPCOS B39162B3520U410 Datasheet HTML 3Page - EPCOS B39162B3520U410 Datasheet HTML 4Page - EPCOS B39162B3520U410 Datasheet HTML 5Page - EPCOS B39162B3520U410 Datasheet HTML 6Page - EPCOS B39162B3520U410 Datasheet HTML 7Page - EPCOS B39162B3520U410 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
February 22, 2010
B3520
1575.42 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to+105 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1575.42
MHz
Maximum insertion attenuation
α
max
1574.22 ... 1576.62 MHz
1.3
2.0
dB
Amplitude ripple (p-p)
∆α
1574.22 ... 1576.62 MHz
0.1
1.0
dB
VSWR
1574.22 ... 1576.62 MHz
1.5
2.0
Relative attenuation (relative to
α
max)
α
100.00 ... 1450.00 MHz
40
44
dB
1450.00 ... 1520.00 MHz
30
34
dB
1640.00 ... 1710.00 MHz
25
30
dB
1710.00 ... 1750.00 MHz
35
43
dB
1750.00 ... 1910.00 MHz
42
44
dB
1910.00 ... 2000.00 MHz
40
45
dB
Temperature coefficient of frequency
TCf
–30
ppm/K


Similar Part No. - B39162B3520U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39162B3521U410 EPCOS-B39162B3521U410 Datasheet
73Kb / 7P
   SAW Components
logo
TDK Electronics
B39162B3521U410 TDK-B39162B3521U410 Datasheet
99Kb / 8P
   SAW Components SAW RF filter
logo
EPCOS
B39162B3522U410 EPCOS-B39162B3522U410 Datasheet
64Kb / 7P
   SAW Components
logo
TDK Electronics
B39162B3522U410 TDK-B39162B3522U410 Datasheet
93Kb / 8P
   SAW Components SAW RF filter
logo
EPCOS
B39162B3524B710 EPCOS-B39162B3524B710 Datasheet
95Kb / 8P
   SAW Components
More results

Similar Description - B39162B3520U410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com