Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A9411DCKTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A9411DCKTG4
Description  10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A9411DCKTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TS5A9411DCKTG4 Datasheet HTML 1Page - Texas Instruments TS5A9411DCKTG4 Datasheet HTML 2Page - Texas Instruments TS5A9411DCKTG4 Datasheet HTML 3Page - Texas Instruments TS5A9411DCKTG4 Datasheet HTML 4Page - Texas Instruments TS5A9411DCKTG4 Datasheet HTML 5Page - Texas Instruments TS5A9411DCKTG4 Datasheet HTML 6Page - Texas Instruments TS5A9411DCKTG4 Datasheet HTML 7Page - Texas Instruments TS5A9411DCKTG4 Datasheet HTML 8Page - Texas Instruments TS5A9411DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
6
4
COM
IN
5
V+
1
2
3
NO
GND
NC
TS5A9411
www.ti.com ............................................................................................................................................................... SCDS241A – MAY 2008 – REVISED JULY 2008
10-
Ω SPDT ANALOG SWITCH
SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
• Cell Phones
• 2.25-V to 5.5-V Single-Supply Operation
• Communication Systems
• Low ON-State Resistance
• Portable Test Equipment
(10
Ω Max at V+ = 5V)
• Battery Operated Systems
• Specified Break-Before-Make Switching
• Sample-and-Hold Circuits
• Low Power Consumption
• TTL/CMOS Compatible Control Input
• Low Input/Output Capacitance
The TS5A9411 is a single-pole double-throw (SPDT)
• Latch-Up Performance Exceeds 100 mA
analog switch that is designed to operate from 2.25 V
Per JESD 78, Class II
to 5.5 V. The device offers low ON-state resistance,
• ESD Performance Tested Per JESD
low
leakage,
and
low
power
with
a
break-before-make feature. These features make this
2000-V Human-Body Model
device suitable for portable and battery-powered
(A114-B, Class II)
applications.
1000-V Charged-Device Model (C101)
• Control Inputs Are 5.5-V Tolerant
FUNCTION TABLE
• Excellent ON-State Resistance Matching
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
• Low Total Harmonic Distortion (THD)
L
ON
OFF
DCK PACKAGE
H
OFF
ON
(TOP VIEW)
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
–40°C to 85°C
SOT (SC-70) – DCK
Tape and reel
TS5A9411DCKR
32_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DCK: The actual top-side marking has one additional character that designates the assembly/test site.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5A9411DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A9411DCKTG4 TI-TS5A9411DCKTG4 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKTG4 TI1-TS5A9411DCKTG4 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A9411DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com