Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A23166 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A23166
Description  0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A23166 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5A23166 Datasheet HTML 5Page - Texas Instruments TS5A23166 Datasheet HTML 6Page - Texas Instruments TS5A23166 Datasheet HTML 7Page - Texas Instruments TS5A23166 Datasheet HTML 8Page - Texas Instruments TS5A23166 Datasheet HTML 9Page - Texas Instruments TS5A23166 Datasheet HTML 10Page - Texas Instruments TS5A23166 Datasheet HTML 11Page - Texas Instruments TS5A23166 Datasheet HTML 12Page - Texas Instruments TS5A23166 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TS5A23166
www.ti.com
SCDS196E – MAY 2005 – REVISED MARCH 2010.
Electrical Characteristics for 1.8-V Supply
(1)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
0
≤ VNO ≤ V+,
25°C
4.2
25
Peak ON
Switch ON,
rpeak
1.65 V
ICOM = –2 mA,
resistance
See Figure 12
Full
30
25°C
1.6
3.9
ON-state
VNO = 0.6 V, 1.5 V,
Switch ON,
ron
1.65 V
resistance
ICOM = –2 mA,
See Figure 12
Full
4
ON-state
25°C
0.04
0.2
resistance
VNO = 1.5 V,
Switch ON,
match
Δron
1.65 V
ICOM = –2 mA,
See Figure 12
Full
0.2
between
channels
0
≤ VNO ≤ V+,
Switch ON,
25°C
2.8
ON-state
ICOM = –2 mA,
See Figure 12
1.65 V
resistance
ron (flat)
25°C
4.1
22
VNO = 0.6 V, 1.5 V,
Switch ON,
flatness
ICOM = –2 mA,
See Figure 12
Full
27
VNO = 0.3 V,
25°C
–5
0.3
5
VCOM = 1.65 V,
Switch OFF,
INO(OFF)
or
1.95 V
nA
NO
See Figure 13
Full
–50
50
VNO = 1.65 V,
OFF leakage
VCOM = 0.3 V,
current
25°C
–2
0.05
2
VNO = 0 to 1.95 V,
Switch OFF,
INO(PWROFF)
0 V
mA
VCOM = 1.95 V to 0,
See Figure 13
Full
–10
10
VNO = 1.65 V,
25°C
–5
0.3
5
VCOM = 0.3 V,
Switch OFF,
ICOM(OFF)
or
1.95 V
nA
COM
See Figure 13
Full
–50
50
VNO = 0.3 V,
OFF leakage
VCOM = 1.65 V,
current
25°C
–2
0.05
2
VCOM = 0 to 1.95 V,
Switch OFF,
ICOM(PWROFF)
0 V
mA
VNO = 1.95 V to 0,
See Figure 13
Full
–10
10
VNO = 0.3 V,
25°C
–2
0.3
2
NO
VCOM = Open,
Switch ON,
ON leakage
INO(ON)
or
1.95 V
nA
See Figure 14
Full
–20
20
current
VNO = 1.65 V,
VCOM = Open,
VNO = Open,
25°C
–2
0.3
2
COM
VCOM = 0.3 V,
Switch ON,
ON leakage
ICOM(ON)
or
1.95 V
nA
See Figure 14
Full
–20
20
current
VNO = Open,
VCOM = 1.65 V,
Digital Control Inputs (IN1, IN2)
Input logic high
VIH
Full
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
V
25°C
–2
0.3
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
mA
current
Full
–20
20
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Copyright © 2005–2010., Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS5A23166


Similar Part No. - TS5A23166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCTR TI-TS5A23166DCTR Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCUR TI-TS5A23166DCUR Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCUR TI1-TS5A23166DCUR Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURE4 TI-TS5A23166DCURE4 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Similar Description - TS5A23166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com