Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A9411 Datasheet(PDF) 3 Page - Texas Instruments

Part # TS5A9411
Description  10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A9411 Datasheet(HTML) 3 Page - Texas Instruments

  TS5A9411_09 Datasheet HTML 1Page - Texas Instruments TS5A9411_09 Datasheet HTML 2Page - Texas Instruments TS5A9411_09 Datasheet HTML 3Page - Texas Instruments TS5A9411_09 Datasheet HTML 4Page - Texas Instruments TS5A9411_09 Datasheet HTML 5Page - Texas Instruments TS5A9411_09 Datasheet HTML 6Page - Texas Instruments TS5A9411_09 Datasheet HTML 7Page - Texas Instruments TS5A9411_09 Datasheet HTML 8Page - Texas Instruments TS5A9411_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1)
TS5A9411
www.ti.com ............................................................................................................................................................... SCDS241A – MAY 2008 – REVISED JULY 2008
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNO, VNC
25°C
5.3
9
ON-state
VNO or VNC = 3 V,
Switch ON,
rON
4.5 V
resistance
ICOM = –10 mA,
See Figure 6
Full
10
ON-state
25°C
0.03
0.3
resistance
VNO or VNC = 3 V,
Switch ON,
match
ΔrON
4.5 V
ICOM = –10 mA,
See Figure 6
Full
0.3
between
channels
ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
resistance
rON(flat)
25°C
4.5 V
2
ICOM = –10 mA,
See Figure 6
flatness
VNC or VNO = 1 V,
25°C
–500
500
pA
NC, NO
VCOM = 1 V to 4.5 V,
INC(OFF),
Switch OFF,
OFF leakage
or
5.5 V
INO(OFF)
See Figure 7
Full
–3
3
nA
current
VNC or VNO = 4.5 V,
VCOM = 1 V,
VNC or VNO = 1 V,
25°C
–500
500
pA
NC, NO
INC(ON),
VCOM = 1 V
Switch ON,
ON leakage
5.5 V
INO(ON)
VNC or VNO = 4.5 V,
See Figure 8
Full
–3
3
nA
current
VCOM = 4.5 V,
VNC or VNO = Open,
25°C
–500
500
pA
COM
VCOM = 1 V,
Switch ON,
ON leakage
ICOM(ON)
or
5.5 V
See Figure 8
Full
–3
3
nA
current
VNC or VNO = Open,
VCOM = 4.5 V,
Digital Input (IN)
4.5 V to 5.5 V
2.4
5.5
Input logic high
VIH
Full
V
4.5 V
2
5.5
Input logic low
VIL
Full
4.5 V to 5.5 V
0
0.8
V
25°C
–0.05
0.05
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
µA
current
Full
–0.05
0.05
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A9411


Similar Part No. - TS5A9411_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A9411DCKR TI-TS5A9411DCKR Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKR TI1-TS5A9411DCKR Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKRG4 TI-TS5A9411DCKRG4 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKRG4 TI1-TS5A9411DCKRG4 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKT TI-TS5A9411DCKT Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A9411_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com