Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3V340DRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TS3V340DRG4
Description  QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3V340DRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TS3V340DRG4 Datasheet HTML 1Page - Texas Instruments TS3V340DRG4 Datasheet HTML 2Page - Texas Instruments TS3V340DRG4 Datasheet HTML 3Page - Texas Instruments TS3V340DRG4 Datasheet HTML 4Page - Texas Instruments TS3V340DRG4 Datasheet HTML 5Page - Texas Instruments TS3V340DRG4 Datasheet HTML 6Page - Texas Instruments TS3V340DRG4 Datasheet HTML 7Page - Texas Instruments TS3V340DRG4 Datasheet HTML 8Page - Texas Instruments TS3V340DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TS3V340
QUAD SPDT HIGHBANDWIDTH VIDEO SWITCH
WITH LOW AND FLAT ONSTATE RESISTANCE
SCDS172A - JULY 2004 − REVISED DECEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER DEFINITIONS
PARAMETER
DESCRIPTION
RON
Resistance between the D and S ports, with the switch in the ON state
IOZ
Output leakage current measured at the D and S ports, with the switch in the OFF state
IOS
Short-circuit current measured at the I/O pins
VIN
Voltage at IN
VEN
Voltage at EN
CIN
Capacitance at the control (EN, IN) inputs
COFF
Capacitance at the analog I/O port when the switch is OFF
CON
Capacitance at the analog I/O port when the switch is ON
VIH
Minimum input voltage for logic high for the control (EN, IN) inputs
VIL
Maximum input voltage for logic low for the control (EN, IN) inputs
VIK
I/O and control (EN, IN) inputs diode clamp voltage
VI
Voltage applied to the D or S pins when D or S is the switch input
VO
Voltage applied to the D or S pins when D or S is the switch output
IIH
Input high leakage current of the control (EN, IN) inputs
IIL
Input low leakage current of the control (EN, IN) inputs
II
Current into the D or S pins when D or S is the switch input
IO
Current into the D or S pins when D or S is the switch output
Ioff
Output leakage current measured at the D or S ports, with VCC = 0
tpds
Propagation delay measured between S1x and S2x under the specified conditions, measured from 50% of the digital
input to 90% of the analog output
BW
Frequency response of the switch in the ON state, measured at −3 dB
XTALK
Unwanted signal coupled from channel to channel. Measured in −dB. XTALK = 20 log VO/VI. This is a nonadjacent
crosstalk.
OIRR
OFF isolation is the resistance (measured in −dB) between the input and output with the switch OFF.
DG
Magnitude variation between analog input and output pins when the switch is ON and the DC offset of composite video
signal varies at the analog input pin. In NTSC standard, the frequency of the video signal is 3.58 MHz, and DC offset is
from 0 to 0.714 V.
DP
Phase variation between analog input and output pins when the switch is ON and the DC offset of composite video
signal varies at the analog input pin. In NTSC standard, the frequency of the video signal is 3.58 MHz, and DC offset is
from 0 to 0.714 V.
ICC
Static power-supply current
ICCD
Variation of ICC for a change in frequency in the control (EN, IN) inputs
∆ICC
Increase in supply current for each control input that is at the specified voltage level, rather than VCC or GND


Similar Part No. - TS3V340DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V340DRG4 TI-TS3V340DRG4 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340DRG4 TI-TS3V340DRG4 Datasheet
928Kb / 30P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
More results

Similar Description - TS3V340DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V340 TI-TS3V340 Datasheet
514Kb / 23P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340 TI-TS3V340_09 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340_101 TI-TS3V340_101 Datasheet
928Kb / 30P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com