Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10700461 Datasheet(PDF) 4 Page - Schurter Inc.

Part No. 10700461
Description  TOUCH SCREEN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

10700461 Datasheet(HTML) 4 Page - Schurter Inc.

  10700461 Datasheet HTML 1Page - Schurter Inc. 10700461 Datasheet HTML 2Page - Schurter Inc. 10700461 Datasheet HTML 3Page - Schurter Inc. 10700461 Datasheet HTML 4Page - Schurter Inc. 10700461 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Changes that contribute to technical improvement are subject to alternations
2006
Datum
Name
Bearb.
18.08.
Maurer
TOUCH SCREEN
Gepr.
18.08.
Maurer
8,48“, 4-Wire
Vert.
AMT-09536-01
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured by Apex Material Technology Corp.
H
1070.0461
to
chan.
date
name
D 79346 Endingen
page 4 of 5
Index: -
5. Environment Specification
5.1
Operating Temperature
- 10
° C ~ + 60° C
Humidity less than 90% RH
5.2
Storage Temperature
- 40
° C ~ + 80° C
at Ambient Humidity
6. Reliability Test
6.1
Exposure to high temperature
Touch panel is put into a test machine at the condition of 80°C for 120 hours. Then it is left at the room tempera-
ture for 24 hours or more. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
6.2
Exposure to low temperature
Touch panel is put into a test machine at the condition of –40°C for 120 hours. Then it is left at the room tempera-
ture for 24 hours or more. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
6.3
Exposure to constant temperature and humidity
Touch panel is put into a test machine at the condition of 60°C, 90%RH for 120 hours. Then it is left at the room
temperature for 24 hours or more. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
6.4
Thermal Shock
Touch panel is put into a test machine at the condition of –40°C for 30 minutes, and then 80°C for 30 minutes.
The process is repeated by 10 cycles. Then it is left at the room temperature for 24 hours or more. The measure-
ment must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn