Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5916IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5916IPW
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5916IPW Datasheet HTML 3Page - Texas Instruments TLC5916IPW Datasheet HTML 4Page - Texas Instruments TLC5916IPW Datasheet HTML 5Page - Texas Instruments TLC5916IPW Datasheet HTML 6Page - Texas Instruments TLC5916IPW Datasheet HTML 7Page - Texas Instruments TLC5916IPW Datasheet HTML 8Page - Texas Instruments TLC5916IPW Datasheet HTML 9Page - Texas Instruments TLC5916IPW Datasheet HTML 10Page - Texas Instruments TLC5916IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
Recommended Operating Conditions
Recommended Timing
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
3
5.5
V
VO
Supply voltage to output pins
OUT0–OUT7
17
V
VO ≥ 0.6 V
5
IO
Output current
DC test circuit
mA
VO ≥ 1 V
120
IOH
High-level output current source
SDO shorted to GND
–1
mA
IOL
Low-level output current sink
SDO shorted to VCC
1
mA
VIH
High-level input voltage
CLK, OE(ED2), LE(ED1), and SDI
0.7
× V
DD
VDD
V
VIL
Low-level input voltage
CLK, OE(ED2), LE(ED1), and SDI
0
0.3
× V
DD
V
VDD = 3 V to 5.5 V (unless otherwise noted)
CONDITIONS
MIN
MAX
UNIT
tw(L)
LE(ED1) pulse duration
Normal Mode
20
ns
tw(CLK)
CLK pulse duration
Normal Mode
20
ns
Normal Mode, IOUT < 60 mA
500
tw(OE)
OE(ED2) pulse duration
ns
Normal Mode, IOUT > 60 mA
700
tsu(D)
Setup time for SDI
Normal Mode
3
ns
th(D)
Hold time for SDI
Normal Mode
2
ns
tsu(L)
Setup time for LE(ED1)
Normal Mode
15
ns
th(L)
Hold time for LE(ED1)
Normal Mode
15
ns
tw(CLK)
CLK pulse duration
Error Detection Mode
20
ns
tw(ED2)
OE(ED2) pulse duration
Error Detection Mode
2000
ns
tsu(ED1)
Setup time for LE(ED1)
Error Detection Mode
4
ns
th(ED1)
Hold time for LE(ED1)
Error Detection Mode
10
ns
tsu(ED2)
Setup time for OE(ED2)
Error Detection Mode
6
ns
th(ED2)
Hold time for OE(ED2)
Error Detection Mode
10
ns
fCLK
Clock frequency
Cascade operation
30
MHz
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5916 TLC5917


Similar Part No. - TLC5916IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916IPW TI-TLC5916IPW Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916IPW TI-TLC5916IPW Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916IPWG4 TI-TLC5916IPWG4 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916IPWR TI-TLC5916IPWR Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916IPWR TI-TLC5916IPWR Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5916IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
[Old version datasheet]   8-Bit Constant-Current LED Sink Drivers
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com