Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI-JH40C-CSH1-10000 Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-JH40C-CSH1-10000
Description  Fine-Coax Wire Connector for Small Portable Devices
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-JH40C-CSH1-10000 Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FI-JH40C-CSH1-10000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-JH40C-CSH1-10000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-JH40C-CSH1-10000 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-JH40C-CSH1-10000 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-JH40C-CSH1-10000 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-JH40C-CSH1-10000 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FI-JH40C-CSH1-10000 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. FI-JH40C-CSH1-10000 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. FI-JH40C-CSH1-10000 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MB-0179-2
10 /12
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Dimensions
Plug Side
Emboss Product
(35 pos. SJ107950)
Ordering Information
Emboss Product
3000pcs. / reel
Unit:mm
FI-JH 35 C -B -
R3000
Series
No. of Contacts: 35 pos.
Modification Code B: General
Plug Side


Similar Part No. - FI-JH40C-CSH1-10000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-JH40C-CSH1-10000 JAE-FI-JH40C-CSH1-10000 Datasheet
130Kb / 1P
   COVER SHELL
More results

Similar Description - FI-JH40C-CSH1-10000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-JW JAE-FI-JW Datasheet
580Kb / 12P
   Fine-Coax Wire Connector for Small Portable Devices
FI-J JAE-FI-J Datasheet
562Kb / 7P
   Thin Wire Coaxial Connector for Small Portable Devices
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
   FOR PORTABLE DEVICES
REV 0.5 102011
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
   Perfect for compact portable devices
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
logo
List of Unclassifed Man...
ST40X-36S-CV ETC2-ST40X-36S-CV Datasheet
614Kb / 12P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Hirose Electric
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Advanced Analogic Techn...
AAT2833 ANALOGICTECH-AAT2833 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com