Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG1P073S24L0300R Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # DG1P073S24L0300R
Description  Interface connector conforming to InfiniBand Standard
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DG1P073S24L0300R Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  DG1P073S24L0300R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DG1P073S24L0300R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DG1P073S24L0300R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DG1P073S24L0300R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DG1P073S24L0300R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DG1P073S24L0300R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DG1P073S24L0300R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DG1P073S24L0300R Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MB-0097-2
3/8
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Ordering Information
Materials and Finishes
Receptacle (DG1R025HS*, DG1R073HS*)
Plug (DG1P025****, DG1P073****)
Using Cable Harness
-Angle receptacle
DG1
R
*** 
H S
*
Series
Receptacle
*Refer to Note 1 below
Contact type
(SMT angle)
No. Of contacts
025: 25 pos.(4x)
073: 73 pos. (12x)
*Note 1
Plating
S: Contact area/ 0.76um Au plating,
Lead area/ Sn plating
Components
Materials/Finishes
Backshell
Zinc/ Nickel plating
Lock spring
Stainless steel
Lanyard
Polycarbonate(UL94V-0)
Screw
Steel/ Nickel plating
Insulator
Glass filled LCP/
Color: Black(UL94V-0)
Signal contact Copper alloy/ Au plating over
nickel (0.76um min.)
Ground contact Copper alloy/ Au plating over
nickel (0.76um min.)
Paddle card
FR-4
Cable clamp
Copper alloy/ Nickel plating
Ring
Copper alloy/ Nickel plating
Components
Materials/Finishes
Insulator
Glass filled LCP/
Color: Black(UL94V-0)
Shell
Steel/ Nickel plating
Signal contact
Ground contact
Lock plate
Steel/ Tin plating
Gasket
Stainless steel
Copper alloy/
Contact area: Au plating over Ni
(0.76um min.)
Terminal area: (S) Sn plating
Products
Mold boss
Metal boss height:
Xdimension(mm)
DG1R***HS1
No
2.325
DG1R***HS2
No
3.125
DG1R***HS3
No
4.8
DG1R***HS4
Location post
2.325
DG1R***HS5
Location post
3.125
DG1R***HS6
Location post
4.8
DG1R***HS7
Crush pin
2.325
DG1R***HS8
Crush pin
3.125
DG1R***HS9
Crush pin
4.8


Similar Part No. - DG1P073S24L0300R

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DG1 GE-DG1 Datasheet
52Kb / 2P
   MINIATURE CLAMPER / DAMPER GLASS PASSIVATED JUNCTION RECTIFIER
logo
Schurter Inc.
DG11 SCHURTER-DG11 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
DG11 SCHURTER-DG11 Datasheet
847Kb / 8P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
08.12.2021
logo
Hirose Electric
DG11-B1A HIROSE-DG11-B1A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG11-B1AA HIROSE-DG11-B1AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
More results

Similar Description - DG1P073S24L0300R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NXQ1TXA1 NXP-NXQ1TXA1 Datasheet
599Kb / 21P
   Qi-standard conforming charger controller
Rev. 2 ??2 July 2015
logo
Hirose Electric
IX HIROSE-IX_18 Datasheet
296Kb / 6P
   Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
JST Mfg. Co., Ltd.
UBC JST-UBC Datasheet
110Kb / 2P
   USB (Universal Serial Bus) Conforming Connector
logo
Japan Aviation Electron...
DP1 JAE-DP1 Datasheet
918Kb / 12P
   DisplayPortTM Standard Digital Interface Connector
DC1 JAE-DC1 Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com