Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54HCU04J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HCU04J
Description  HEX INVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HCU04J Datasheet(HTML) 1 Page - Texas Instruments

  SNJ54HCU04J Datasheet HTML 1Page - Texas Instruments SNJ54HCU04J Datasheet HTML 2Page - Texas Instruments SNJ54HCU04J Datasheet HTML 3Page - Texas Instruments SNJ54HCU04J Datasheet HTML 4Page - Texas Instruments SNJ54HCU04J Datasheet HTML 5Page - Texas Instruments SNJ54HCU04J Datasheet HTML 6Page - Texas Instruments SNJ54HCU04J Datasheet HTML 7Page - Texas Instruments SNJ54HCU04J Datasheet HTML 8Page - Texas Instruments SNJ54HCU04J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HCU04, SN74HCU04
HEX INVERTERS
SCLS079E − MARCH 1984 − REVISED MARCH 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 7 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Unbuffered Outputs
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54HCU04 ...J OR W PACKAGE
SN74HCU04 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54HCU04 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The ’HCU04 devices contain six independent inverters. They perform the Boolean function Y = A in positive
logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HCU04N
SN74HCU04N
Tube of 50
SN74HCU04D
SOIC − D
Reel of 2500
SN74HCU04DR
HCU04
SOIC − D
Reel of 250
SN74HCU04DT
HCU04
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HCU04NSR
HCU04
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HCU04DBR
HU04
Reel of 90
SN74HCU04PW
TSSOP − PW
Reel of 2000
SN74HCU04PWR
HCU04
TSSOP − PW
Reel of 250
SN74HCU04PWT
HCU04
CDIP − J
Tube of 25
SNJ54HCU04J
SNJ54HCU04J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HCU04W
SNJ54HCU04W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HCU04FK
SNJ54HCU04FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SNJ54HCU04J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HCU04J TI-SNJ54HCU04J Datasheet
454Kb / 14P
[Old version datasheet]   HEX INVERTERS
SNJ54HCU04J TI-SNJ54HCU04J Datasheet
591Kb / 16P
[Old version datasheet]   HEX INVERTERS
SNJ54HCU04J TI-SNJ54HCU04J Datasheet
681Kb / 18P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SNJ54HCU04J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com