Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI-J35C2-SH-D Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-J35C2-SH-D
Description  Thin Wire Coaxial Connector for Small Portable Devices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-J35C2-SH-D Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FI-J35C2-SH-D Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-J35C2-SH-D Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-J35C2-SH-D Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-J35C2-SH-D Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-J35C2-SH-D Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-J35C2-SH-D Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-J35C2-SH-D Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MB-0143-3
2/7
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
No. of contacts : 20, 25, 30, 35, 40 pos.
Pitch: 0.4mm
Operating Temperature:
-40 Deg. C to +85 Deg. C
Contact Resistance: 40m ohm max.
Life Time: 30 times
General Specifications
Rated Current: AC, DC each 0.3A per pos.
Rated Voltage: AC, DC each 50V per pos.
Insulation Resistance: 100M ohm min.
Dielectric Withstanding Voltage :
AC 250Vr. m.s per minute
Applicable Cable: 42 to 44 AWG
Component
Material / Finish
Receptacle(FI-J**S-VF15N)
Contact
Copper alloy / Contact portion and terminal portion:
Au flash plating over Ni
Hold down
Copper alloy / Contact portion and terminal portion:
Au flash plating over Ni
Insulator
Heat resistant plastic UL94V-0
Adsorption Insulator
Heat resistant plastic UL94V-0
Plug(FI-J**C5 / FI-J**C2-SH-D)
Contact
Copper alloy / Contact portion and terminal portion:
Au flash plating over Ni
Insulator
Heat resistant plastic UL94V-0
Shell
Stainless steel / Au plating over Ni


Similar Part No. - FI-J35C2-SH-D

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-J35C2-SH-D-10000 JAE-FI-J35C2-SH-D-10000 Datasheet
127Kb / 1P
   SHELL, MAGAZINE PAPER
More results

Similar Description - FI-J35C2-SH-D

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-JH JAE-FI-JH Datasheet
628Kb / 12P
   Fine-Coax Wire Connector for Small Portable Devices
FI-JW JAE-FI-JW Datasheet
580Kb / 12P
   Fine-Coax Wire Connector for Small Portable Devices
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
   FOR PORTABLE DEVICES
REV 0.5 102011
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
   Perfect for compact portable devices
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
logo
NXP Semiconductors
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
List of Unclassifed Man...
ST40X-36S-CV ETC2-ST40X-36S-CV Datasheet
614Kb / 12P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Hirose Electric
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com