Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM8L106K016RZA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TM8L106K016RZA
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8L106K016RZA Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TM8L106K016RZA Datasheet HTML 2Page - Vishay Siliconix TM8L106K016RZA Datasheet HTML 3Page - Vishay Siliconix TM8L106K016RZA Datasheet HTML 4Page - Vishay Siliconix TM8L106K016RZA Datasheet HTML 5Page - Vishay Siliconix TM8L106K016RZA Datasheet HTML 6Page - Vishay Siliconix TM8L106K016RZA Datasheet HTML 7Page - Vishay Siliconix TM8L106K016RZA Datasheet HTML 8Page - Vishay Siliconix TM8L106K016RZA Datasheet HTML 9Page - Vishay Siliconix TM8L106K016RZA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Jun-10
43
TM8
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL,
Leadframeless Molded
Vishay Sprague
PLASTIC TAPE AND REEL PACKAGING in inches [millimeters]
Note
Metric dimensions will govern. Dimensions in inches are rounded and for reference only.
CASE
CODE
TAPE
SIZE
B1
(MAX.)
D1
(MIN.)
F
K0
(MAX.)
P1
W
TM8
P8 mm
0.108
(2.75)
0.039
(1.0)
0.138
(3.5)
0.054
(1.37)
0.157
(4.0)
0.315
(8.0)
Q8 mm
0.135
(3.43)
0.039
(1.0)
0.138
(3.5)
0.065
(1.65)
0.157
(4.0)
0.315
(8.0)
L8 mm
0.094
(2.4)
0.039
(1.0)
0.138
(3.5)
0.047
(1.2)
0.157
(4.0)
0.315
(8.0)
R8 mm
0.112
(2.85)
0.039
(1.0)
0.138
(3.5)
0.066
(1.68)
0.157
(4.0)
0.315
(8.0)
W8 mm
0.112
(2.85)
0.039
(1.0)
0.138
(3.5)
0.053
(1.35)
0.157
(4.0)
0.315
(8.0)
D
12 mm
0.154
(3.9)
0.059
(1.5)
0.216
(5.5)
0.051
(1.3)
0.157
(4.0)
0.472
(12.0)
E
12 mm
0.235
(5.97)
0.059
(1.5)
0.216
(5.5)
0.070
(1.78)
0.157
(4.0)
0.472
(12.0)
F
12 mm
0.231
(5.88)
0.059
(1.5)
0.216
(5.5)
0.060
(1.53)
0.157
(4.0)
0.472
(12.0)
N
12 mm
0.150
(3.8)
0.059
(1.5)
0.216
(5.5)
0.047
(1.2)
0.157
(4.0)
0.472
(12.0)
T
12 mm
0.150
(3.8)
0.059
(1.5)
0.216
(5.5)
0.063
(1.60)
0.157
(4.0)
0.472
(12.0)
0.004 [0.1]
MAX.
K
0
Tape Thickness
B
1 MAX.
(Note 6)
0.014
[0.35]
MAX.
± 0.008 [0.200]
Embossment
0.069 ± 0.004
[1.75 ± 0.10]
D
1 MIN. For Components
0.079 x 0.047 [2.0 x 1.2] and Larger
.
(Note 5)
Maximum
Cavity Size
(Note 1)
USER DIRECTION OF FEED
Center Lines
of Cavity
A
0
P
1
F
W
0.030 [0.75]
MIN. (Note 4)
0.030 [0.75]
MIN. (Note 3)
0.079 ± 0.002
[2.0 ± 0.05]
0.157 ± 0.004
[4.0 ± 0.10]
0.059 + 0.004 - 0.0
[1.5 + 0.10 - 0.0]
B
0
Maximum
Component
Rotation
(Side or Front Sectional View)
20°
0
For Tape Feeder
Reference only
including draft.
Concentric around B
(Note 5)
Deformation
Between
Embossments
Top
Cover
Tape
Top
Cover
Tape
10 pitches cumulative
tolerance on tape
Cathode (-)
Anode (+)
Direction of Feet
20° Maximum
Component Rotation
Typical
Component
Cavity
Center Line
Typical
Component
Center Line
A
0
B
0
(Top Vie w)
Tape and Reel Specifications: All case sizes are available on
plastic embossed tape per EIA-481-1. Tape reeling per IEC 286-3
is also available. Standard reel diameter is 7" [178 mm],
13" [330 mm] reels are available and recommended as the most
cost effective packaging method.
The most efficient packaging quantities are full reel increments on
a given reel diameter. The quantities shown allow for the sealed
empty pockets required to be in conformance with EIA-481-1. Reel
size and packaging orientation must be specified in the Vishay
Sprague part number.
0.9843 [250.0]
Tape
3.937 [100.0]
0.039 [1.0]
MAX.
0.039 [1.0]
MAX.
Camber
(Top View)
Allo wable Camber to be 0.039/3.937 [1/100]
Non-Cumulative Over 9.843 [250.0]


Similar Part No. - TM8L106K016RZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM8L106K016RZA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com