Electronic Components Datasheet Search |
|
PCA9534ADBQR Datasheet(PDF) 11 Page - Texas Instruments |
|
PCA9534ADBQR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 39 page PCA9534A www.ti.com SCPS141F – SEPTEMBER 2006 – REVISED JUNE 2010 ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 6 V VI Input voltage range(2) –0.5 6 V VO Output voltage range(2) –0.5 6 V IIK Input clamp current VI < 0 –20 mA IOK Output clamp current VO < 0 –20 mA IIOK Input/output clamp current VO < 0 or VO > VCC ±20 mA IOL Continuous output low current VO = 0 to VCC 50 mA IOH Continuous output high current VO = 0 to VCC –50 mA Continuous current through GND –250 ICC mA Continuous current through VCC 160 DB package 82 DBQ package 90 DGV package 86 DW package 46 qJA Package thermal impedance(3) °C/W N package 67 PW package 88 RGT package TBD RGV package 51 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT VCC Supply voltage 2.3 5.5 V SCL, SDA 0.7 × VCC 5.5 VIH High-level input voltage V A2–A0, P7–P0 2 5.5 SCL, SDA –0.5 0.3 × VCC VIL Low-level input voltage V A2–A0, P7–P0 –0.5 0.8 IOH High-level output current P7–P0 –10 mA IOL Low-level output current P7–P0 25 mA TA Operating free-air temperature –40 85 °C Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): PCA9534A |
Similar Part No. - PCA9534ADBQR |
|
Similar Description - PCA9534ADBQR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |