Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI-X20S-HF Datasheet(PDF) 9 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-X20S-HF
Description  LCD interface connector compatible with high-speed differential transmission
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-X20S-HF Datasheet(HTML) 9 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FI-X20S-HF Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-X20S-HF Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-X20S-HF Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-X20S-HF Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-X20S-HF Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-X20S-HF Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FI-X20S-HF Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. FI-X20S-HF Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. FI-X20S-HF Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MB-0014-7
Ordering Information
R: Reverse type
No. of contacts: 20, 30 (all for signals)
M: FPC relay type
M: FPC relay type
Series name
FI-X ** M R
Part Number
FI-X20MR
FI-X30MR
Drawing No.
SJ035217
SJ035218
Unit: mm
寸法単位:mm
A±
0.15
B
A±
0.1
N
FPC
Diagram of connector when mated
with FPC
嵌合状態図
Cパターン寸法(参考)
A±
0.05
A +2.6±0.05
A +1 ±0.05
FP
Dimensions of FPC pattern
(for reference)
**
**
**
**
TABLE1
of
CONTACTS(N)
A
B
20
19
26.45
30
29
36.45
DIMENSION
嵌合状態図
Diagram of connector when mated
9/12


Similar Part No. - FI-X20S-HF

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-X20S-HF-NPB JAE-FI-X20S-HF-NPB Datasheet
149Kb / 1P
   PCB SIDE - COPPER ALLOY
More results

Similar Description - FI-X20S-HF

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MX38 JAE-MX38 Datasheet
446Kb / 8P
   Automotive High-speed Differential Transmission Compatible Connector
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
MX48 JAE-MX48 Datasheet
132Kb / 4P
   Automotive High-speed Differential Transmission
DD4 JAE-DD4 Datasheet
538Kb / 12P
   High-speed Transmission Compatible Low-profile Docking Connector
logo
Hirose Electric
DH60-37P HIROSE-DH60-37P Datasheet
1Mb / 29P
   High speed transmission, 1mm pitch Small Interface Connector
DH HIROSE-DH_18 Datasheet
1Mb / 28P
   High speed transmission, 1mm pitch Small Interface Connector
DH60A-51P HIROSE-DH60A-51P Datasheet
1Mb / 29P
   High speed transmission, 1mm pitch Small Interface Connector
DH40-27S HIROSE-DH40-27S Datasheet
688Kb / 13P
   High Speed Transmission, 1mm Pitch Small Interface Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com