Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1050DUBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050DUBR
Description  ISOLATED CAN TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050DUBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO1050DUBR Datasheet HTML 6Page - Texas Instruments ISO1050DUBR Datasheet HTML 7Page - Texas Instruments ISO1050DUBR Datasheet HTML 8Page - Texas Instruments ISO1050DUBR Datasheet HTML 9Page - Texas Instruments ISO1050DUBR Datasheet HTML 10Page - Texas Instruments ISO1050DUBR Datasheet HTML 11Page - Texas Instruments ISO1050DUBR Datasheet HTML 12Page - Texas Instruments ISO1050DUBR Datasheet HTML 13Page - Texas Instruments ISO1050DUBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ISO1050
SLLS983C – JUNE 2009 – REVISED JULY 2010
www.ti.com
ISOLATOR CHARACTERISTICS
(1) (2)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
L(I01)
Minimum air gap (Clearance)
Shortest terminal to terminal distance through air
6.1
mm
DUB-8
Minimum external tracking
Shortest terminal to terminal distance across the
L(I02)
6.8
mm
(Creepage)
package surface
L(I01)
Minimum air gap (Clearance)
Shortest terminal to terminal distance through air
8.34
mm
DW-16
Minimum external tracking
Shortest terminal to terminal distance across the
L(I02)
8.10
mm
(Creepage)
package surface
Minimum Internal Gap (Internal
Distance through the insulation
0.014
mm
Clearance)
Input to output, VIO = 500 V, all pins on each side of the
barrier tied together creating a two-terminal device, Tamb <
>1012
RIO
Isolation resistance
100°C
Input to output VIO = 500 V, 100°C ≤Tamb <≤Tamb max
>1011
CIO
Barrier capacitance
VI = 0.4 sin (4E6pt)
1.9
pF
CI
Input capacitance to ground
VI = 0.4 sin (4E6pt)
1.3
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed circuit board do not reduce this distance.
(2)
Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation
Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
INSULATION CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
8-DUB Package
560
Maximum working insulation
VIORM
Vpeak
voltage per IEC
16-DW Package
1200
8-DUB Package
VPR = 1.875 x VIORM, t = 1
1050
VPR
Input to output test voltage per IEC
sec (100% production)
Vpeak
16-DW Package
2250
Partial discharge < 5 pC
t = 60 sec (qualification)
VIOTM
Transient overvoltage per IEC
4000
Vpeak
t = 1 sec (100% production)
t = 60 sec (qualification)
2500
8-DUB Package
Vrms
t = 1 sec (100% production)
3000
VISO
Isolation voltage per UL
t = 60 sec (qualification)
5000
16-DW Package
Vrms
t = 1 sec (100% production)
6000
RS
Isolation voltage per UL
VIO = 500 V at TS
> 109
Ω
Pollution Degree
2
IEC 60664-1 RATINGS
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
III-a
Rated mains voltage
≤ 150 Vrms
I–IV
Installation classification
Rated mains voltage
≤ 300 Vrms
I–III
Rated mains voltage
≤ 400 Vrms
I–II
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO1050


Similar Part No. - ISO1050DUBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050DUBR TI-ISO1050DUBR Datasheet
768Kb / 21P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050DUBR TI-ISO1050DUBR Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050DUBR TI1-ISO1050DUBR Datasheet
1Mb / 33P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
More results

Similar Description - ISO1050DUBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
logo
Analog Devices
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
   Signal Isolated CAN FD Transceiver
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
   Isolated High-Speed CAN Transceiver
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
   Isolated High-Speed CAN Transceiver
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
logo
NXP Semiconductors
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com