Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1050DUBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050DUBR
Description  ISOLATED CAN TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050DUBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO1050DUBR Datasheet HTML 3Page - Texas Instruments ISO1050DUBR Datasheet HTML 4Page - Texas Instruments ISO1050DUBR Datasheet HTML 5Page - Texas Instruments ISO1050DUBR Datasheet HTML 6Page - Texas Instruments ISO1050DUBR Datasheet HTML 7Page - Texas Instruments ISO1050DUBR Datasheet HTML 8Page - Texas Instruments ISO1050DUBR Datasheet HTML 9Page - Texas Instruments ISO1050DUBR Datasheet HTML 10Page - Texas Instruments ISO1050DUBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CANH
CANL
47 nF
VI
± 20%
TXD
W
27
±1 %
W
27
±1 %
OC
V
=
O(CANH)
V
O (CANL)
V
+
2
GND 1
GND 2
V
OC
V
OC(pp)
TXD
RXD
60
W
V
I
15 pF
CANH
CANL
+
VO
_
± 20%
±1%
GND1
TXDInput
0 V
Vcc
Output
RXD
50%
50%
VOH
VOL
tloop1
50%
tloop
2
R
L= 60
(seeNoteB )
CANH
CANH
TXD
± 1 %
W
(seeNote A )
C
L
V
I
VOD
GND 1
Vcc
V
I
VOD
500 mV
900 mV
0 V
VOD(D)
0 V
tdom
ISO1050
www.ti.com
SLLS983C – JUNE 2009 – REVISED JULY 2010
Figure 8. Peak-to-Peak Output Voltage Test Circuit and Waveform
Figure 9. tLOOP Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 125 kHz, 50% duty cycle, tr ≤ 6
ns, tf ≤ 6 ns, ZO = 50Ω.
B.
CL includes instrumentation and fixture capacitance within ±20%.
Figure 10. Dominant Timeout Test Circuit and Voltage Waveforms
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ISO1050


Similar Part No. - ISO1050DUBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050DUBR TI-ISO1050DUBR Datasheet
768Kb / 21P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050DUBR TI-ISO1050DUBR Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050DUBR TI1-ISO1050DUBR Datasheet
1Mb / 33P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
More results

Similar Description - ISO1050DUBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
logo
Analog Devices
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
   Signal Isolated CAN FD Transceiver
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
   Isolated High-Speed CAN Transceiver
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
   Isolated High-Speed CAN Transceiver
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
logo
NXP Semiconductors
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com