Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1050 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050
Description  ISOLATED CAN TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050 Datasheet(HTML) 1 Page - Texas Instruments

  ISO1050 Datasheet HTML 1Page - Texas Instruments ISO1050 Datasheet HTML 2Page - Texas Instruments ISO1050 Datasheet HTML 3Page - Texas Instruments ISO1050 Datasheet HTML 4Page - Texas Instruments ISO1050 Datasheet HTML 5Page - Texas Instruments ISO1050 Datasheet HTML 6Page - Texas Instruments ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RXD
TXD
GND1
Vcc2
CANH
CANL
GND2
DW PACKAGE
Vcc1
GND1
GND2
GND2
GND1
nc
nc
nc
nc
RXD
TXD
CANH
CANL
FUNCTION DIAGRAM
1
2
3
4
5
6
7
8
TXD
RXD
Vcc2
CANH
GND2
DUB PACKAGE
Vcc1
GND1
CANL
ISO1050
www.ti.com
SLLS983C – JUNE 2009 – REVISED JULY 2010
ISOLATED CAN TRANSCEIVER
Check for Samples: ISO1050
1
FEATURES
Typical 25-Year Life at Rated Working Voltage
(see Application Report SLLA197 and
2
5000-VRMS Isolation (DW Package)
Figure 15)
2500-VRMS Isolation (DUB Package)
Failsafe Outputs
APPLICATIONS
Low Loop Delay: 150 ns Typical
CAN Data Buses
50 kV/ms Typical Transient Immunity
Industrial Automation
Meets or Exceeds ISO 11898 requirements
DeviceNet Data Buses
Bus-Fault Protection of –27 V to 40 V
CANopen Data Buses
CANKingdom Data Buses
Dominant Time-Out Function
Medical Scanning and Imaging
IEC 60747-5-2 (VDE 0884, Rev. 2) & IEC
61010-1 Approved
Security Systems
Telecom Base Station Status and Control
UL 1577, IEC 60950-1 and CSA Approvals
Pending
HVAC
Building Automation
3.3-V Inputs are 5-V Tolerant
DESCRIPTION
The ISO1050 is a galvanically isolated CAN transceiver that meets or exceeds the specifications of the ISO
11898 standard. The device has the logic input and output buffers separated by a silicon oxide (SiO2) insulation
barrier that provides galvanic isolation of up to 5000 VRMS for DW Package and 2500 VRMS for DUB package.
Used in conjunction with isolated power supplies, the device prevents noise currents on a data bus or other
circuits from entering the local ground and interfering with or damaging sensitive circuitry.
As a CAN transceiver, the device provides differential transmit capability to the bus and differential receive
capability to a CAN controller at signaling rates up to 1 megabit per second (Mbps). Designed for operation in
especially harsh environments, the device features cross-wire, overvoltage and loss of ground protection from
–27 V to 40 V and over-temperature shut-down, as well as –12 V to 12 V common-mode range.
The ISO1050 is characterized for operation over the ambient temperature range of –55°C to 105°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DeviceNet is a trademark of others.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050 Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI1-ISO1050 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
ISO1050 TI1-ISO1050 Datasheet
1Mb / 33P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050DUB TI-ISO1050DUB Datasheet
768Kb / 21P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
More results

Similar Description - ISO1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
logo
Analog Devices
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
   Signal Isolated CAN FD Transceiver
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
   Isolated High-Speed CAN Transceiver
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
   Isolated High-Speed CAN Transceiver
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
logo
NXP Semiconductors
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com