Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI-XBD7S-HF10 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-XBD7S-HF10
Description  LCD interface connector compatible with high-speed differential transmission
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-XBD7S-HF10 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  FI-XBD7S-HF10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-XBD7S-HF10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-XBD7S-HF10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-XBD7S-HF10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-XBD7S-HF10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-XBD7S-HF10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-XBD7S-HF10 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-XBD7S-HF10 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-XBD7S-HF10 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MB-0014-7
Dimensions and Shape
Ordering Information
-
FI-X B D7 S HF 10
Series name
B: Bottom mounting type
No. of contacts: D7 (Differential 7 pairs)
Socket connector
Angled type
Mounting height 1mm (Board thickness t0.55)
Part Number
FI-XBD7S-HF10
Drawing No.
SJ033459
No.22
Unit : mm
Applicable Board Dimensions (for reference)
Note1: An embossed tape reel contains 3000 pieces.
Please contact us for details of embossed tape specifications.
Note2: Contact with terminal numbers 1, 4, 7, 10, 13, 16, 19, 22 are only for ground.
3/12


Similar Part No. - FI-XBD7S-HF10

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-XBD7SHF1-NPBE3000 JAE-FI-XBD7SHF1-NPBE3000 Datasheet
312Kb / 8P
   FI-X SERIES CONNECTORS - 1.00mm Contact Spacing, Connector for PCB-to-Cable
More results

Similar Description - FI-XBD7S-HF10

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MX38 JAE-MX38 Datasheet
446Kb / 8P
   Automotive High-speed Differential Transmission Compatible Connector
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
MX48 JAE-MX48 Datasheet
132Kb / 4P
   Automotive High-speed Differential Transmission
DD4 JAE-DD4 Datasheet
538Kb / 12P
   High-speed Transmission Compatible Low-profile Docking Connector
logo
Hirose Electric
DH60-37P HIROSE-DH60-37P Datasheet
1Mb / 29P
   High speed transmission, 1mm pitch Small Interface Connector
DH HIROSE-DH_18 Datasheet
1Mb / 28P
   High speed transmission, 1mm pitch Small Interface Connector
DH60A-51P HIROSE-DH60A-51P Datasheet
1Mb / 29P
   High speed transmission, 1mm pitch Small Interface Connector
DH40-27S HIROSE-DH40-27S Datasheet
688Kb / 13P
   High Speed Transmission, 1mm Pitch Small Interface Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com