Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4000BP15U1800 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 4000BP15U1800
Description  4.0 GHz Band Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

4000BP15U1800 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  4000BP15U1800 Datasheet HTML 1Page - Johanson Technology Inc. 4000BP15U1800 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.0 GHz Band Pass Filter
P/N 4000BP15U1800
Detail Specification: 04/21/05
Page 2 of 2
Typical Electrical Performance (T=25°C)
Attenuation
dB(S(2,2))
dB(S(1,1))
dB(S(2,1))
Frequency (GHz)
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
PRELIMINARY
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
))
)
)
)
))
)
)


Similar Part No. - 4000BP15U1800

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
4000BL14U100 JOHANSON-4000BL14U100 Datasheet
77Kb / 2P
   Balun, Ultra-WideBand, 4 GHz
4000BL14U100T JOHANSON-4000BL14U100T Datasheet
77Kb / 2P
   High Frequency Ceramic Solutions
More results

Similar Description - 4000BP15U1800

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC892LP5E HITTITE-HMC892LP5E Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 4.0 - 7.7 GHz
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
5515BP15C725E JOHANSON-5515BP15C725E Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
2150BP39A0100 JOHANSON-2150BP39A0100 Datasheet
251Kb / 2P
   2.15 GHz Band Pass Filter
5425BP15A1050 JOHANSON-5425BP15A1050 Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
2450BP18C100A JOHANSON-2450BP18C100A Datasheet
250Kb / 2P
   2.45 GHz Band Pass Filter
2450BP15F0100 JOHANSON-2450BP15F0100 Datasheet
123Kb / 2P
   2.45 GHz Band Pass Filter
2450BP39F100A JOHANSON-2450BP39F100A Datasheet
96Kb / 2P
   2.45 GHz Band Pass Filter
2450BP14C0100 JOHANSON-2450BP14C0100 Datasheet
139Kb / 2P
   2.45 GHz Band Pass Filter
2450BP18C100C JOHANSON-2450BP18C100C Datasheet
139Kb / 2P
   2.45 GHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com