Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A5018DRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A5018DRE4
Description  10-廓 QUAD SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018DRE4 Datasheet(HTML) 3 Page - Texas Instruments

  TS3A5018DRE4 Datasheet HTML 1Page - Texas Instruments TS3A5018DRE4 Datasheet HTML 2Page - Texas Instruments TS3A5018DRE4 Datasheet HTML 3Page - Texas Instruments TS3A5018DRE4 Datasheet HTML 4Page - Texas Instruments TS3A5018DRE4 Datasheet HTML 5Page - Texas Instruments TS3A5018DRE4 Datasheet HTML 6Page - Texas Instruments TS3A5018DRE4 Datasheet HTML 7Page - Texas Instruments TS3A5018DRE4 Datasheet HTML 8Page - Texas Instruments TS3A5018DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TS3A5018
www.ti.com
SCDS189D – JANUARY 2005 – REVISED MARCH 2010
Absolute Minimum and Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
4.6
V
VNC
VNO
Analog voltage range(3) (4)
–0.5
4.6
V
VCOM
IK
Analog port diode current
VNC, VNO, VCOM < 0
–50
mA
INC
INO
On-state switch current
VNC, VNO, VCOM = 0 to 7 V
–64
64
mA
ICOM
VI
Digital input voltage range(3) (4)
–0.5
4.6
V
IIK
Digital input clamp current
VI < 0
–50
mA
I+
Continuous current through V+
–100
100
mA
IGND
Continuous current through GND
–100
100
mA
D package
73
DBQ package
90
DGV package
120
qJA
Package thermal impedance(5)
°C/W
PW package
108
RGY package
51
RSV package
184
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS3A5018


Similar Part No. - TS3A5018DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018DRE4 TI-TS3A5018DRE4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Similar Description - TS3A5018DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com