Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3243ECRHBRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TRS3243ECRHBRG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3243ECRHBRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TRS3243ECRHBRG4 Datasheet HTML 1Page - Texas Instruments TRS3243ECRHBRG4 Datasheet HTML 2Page - Texas Instruments TRS3243ECRHBRG4 Datasheet HTML 3Page - Texas Instruments TRS3243ECRHBRG4 Datasheet HTML 4Page - Texas Instruments TRS3243ECRHBRG4 Datasheet HTML 5Page - Texas Instruments TRS3243ECRHBRG4 Datasheet HTML 6Page - Texas Instruments TRS3243ECRHBRG4 Datasheet HTML 7Page - Texas Instruments TRS3243ECRHBRG4 Datasheet HTML 8Page - Texas Instruments TRS3243ECRHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
Electrical Characteristics
(1)
TRS3243E
www.ti.com.............................................................................................................................................................. SLLS789B – APRIL 2007 – REVISED JULY 2009
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.3
6
V
V+
Positive output supply voltage range(2)
–0.3
7
V
V–
Negative output supply voltage range(2)
0.3
–7
V
V+ – V–
Output supply voltage difference(2)
13
V
Driver (FORCEOFF, FORCEON)
–0.3
6
VI
Input voltage range
V
Receiver
–25
25
Driver
–13.2
13.2
VO
Output voltage range
V
Receiver (INVALID)
–0.3
VCC + 0.3
DB package
62
θ
JA
Package thermal impedance(3)(4)
DW package
46
C/W
PW package
62
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
C
Tstg
Storage temperature range
–65
150
C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) - TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
See Figure 6
MIN
NOM
MAX UNIT
VCC = 3.3 V
3
3.3
3.6
Supply voltage
V
VCC = 5 V
4.5
5
5.5
VCC = 3.3 V
2
VIH
Driver and control high-level input voltage
DIN, FORCEOFF, FORCEON
V
VCC = 5 V
2.4
VIL
Driver and control low-level input voltage
DIN, FORCEOFF, FORCEON
0.8
V
VI
Driver and control input voltage
DIN, FORCEOFF, FORCEON
0
5.5
V
VI
Receiver input voltage
–25
25
V
TRS3243EC
0
70
TA
Operating free-air temperature
C
TRS3243EI
–40
85
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
II
Input leakage current
FORCEOFF, FORCEON
0.01
1
µA
No load,
Auto-powerdown disabled
0.3
1
mA
FORCEOFF and FORCEON at VCC
Powered off
No load, FORCEOFF at GND
1
10
Supply current
ICC
No load, FORCEOFF at VCC,
(TA = 25°C)
µA
FORCEON at GND,
Auto-powerdown enabled
1
10
All RIN are open or grounded,
All DIN are grounded
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TRS3243E


Similar Part No. - TRS3243ECRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3243ECRHBRG4 TI-TRS3243ECRHBRG4 Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243ECRHBRG4 TI-TRS3243ECRHBRG4 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - TRS3243ECRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E TI-TRS3232E Datasheet
444Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E_101 TI-MAX3232E_101 Datasheet
531Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_07 Datasheet
352Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E_09 Datasheet
742Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E Datasheet
652Kb / 24P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E-Q1 TI1-TRS3232E-Q1 Datasheet
204Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com