Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62616 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62616
Description  350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62616 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62616 Datasheet HTML 3Page - Texas Instruments TPS62616 Datasheet HTML 4Page - Texas Instruments TPS62616 Datasheet HTML 5Page - Texas Instruments TPS62616 Datasheet HTML 6Page - Texas Instruments TPS62616 Datasheet HTML 7Page - Texas Instruments TPS62616 Datasheet HTML 8Page - Texas Instruments TPS62616 Datasheet HTML 9Page - Texas Instruments TPS62616 Datasheet HTML 10Page - Texas Instruments TPS62616 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
1
10
100
1000
I
-LoadCurrent-mA
O
L =muRataLQM21PN1R0MC0
L =muRataLQM18PN1R5-B35
L =muRataLQM21PN1R0NGR
V =3.6V
I
V
=1.8V
O
PFM/PWMOperation
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V -InputVoltage-V
I
V
=1.8V
PFM/PWMOperation
O
I
=1mA
O
I
=100mA
O
I
=10mA
O
I
-LoadCurrent-mA
O
V
=1.8V
O
V =4.2V
I
V =3.6V
I
V =2.9V
I
0
2
4
6
8
10
12
14
16
18
20
22
24
26
0
50
100
150
200
250
300
350
I
-LoadCurrent-mA
O
V =4.8V
I
V =3.6V
I
V =2.5V
I
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
350
V
=1.8V
L =muRataLQM21PN1R5MC0
O
TPS62619, TPS62612
TPS62615, TPS62616
www.ti.com
SLVS936A – NOVEMBER 2009 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
INPUT VOLTAGE
Figure 5.
Figure 6.
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 7.
Figure 8.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62619 TPS62612 TPS62615 TPS62616


Similar Part No. - TPS62616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62616 TI-TPS62616 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62616YFD TI-TPS62616YFD Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62616YFD TI-TPS62616YFD Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62616YFDR TI-TPS62616YFDR Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results

Similar Description - TPS62616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62671 TI1-TPS62671_16 Datasheet
1Mb / 35P
[Old version datasheet]   500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com