Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8168ICPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8168ICPW
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8168ICPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8168ICPW Datasheet HTML 5Page - Texas Instruments DAC8168ICPW Datasheet HTML 6Page - Texas Instruments DAC8168ICPW Datasheet HTML 7Page - Texas Instruments DAC8168ICPW Datasheet HTML 8Page - Texas Instruments DAC8168ICPW Datasheet HTML 9Page - Texas Instruments DAC8168ICPW Datasheet HTML 10Page - Texas Instruments DAC8168ICPW Datasheet HTML 11Page - Texas Instruments DAC8168ICPW Datasheet HTML 12Page - Texas Instruments DAC8168ICPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Time(2s/div)
12 V(peak-to-peak)
m
300
250
200
150
0
1M
100
1k
10k
100k
10
Frequency(Hz)
ReferenceUnbuffered
C
=0 F
REF
m
100
50
C
=4.8 F
REF
m
2.505
2.504
2.495
25
-15
-5
15
-25
I
(mA)
LOAD
2.503
2.501
2.502
+25°C
-
°
40 C
+125°C
2.500
2.496
2.497
2.498
2.499
5
-20
-10
0
10
20
2.505
2.504
2.495
25
-15
-5
15
-25
I
(mA)
LOAD
2.503
2.501
2.502
2.500
2.496
2.497
2.498
2.499
5
-20
-10
0
10
20
+25°C
-40°C
+125°C
2.503
2.502
2.501
2.498
5.5
3.0
3.5
4.0
2.5
AV
(V)
DD
2.500
4.5
5.0
+125 C
°
+25 C
°
-
°
40 C
2.499
2.503
2.502
2.501
2.498
5.5
3.0
3.5
4.0
2.5
AV
(V)
DD
2.500
4.5
5.0
+125 C
°
+25 C
°
-
°
40 C
2.499
DAC7568
DAC8168
DAC8568
www.ti.com ..................................................................................................................................................... SBAS430A – JANUARY 2009 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS: Internal Reference (continued)
At TA = +25°C, unless otherwise noted.
INTERNAL REFERENCE NOISE DENSITY
INTERNAL REFERENCE NOISE
vs FREQUENCY
0.1Hz TO 10Hz
Figure 8.
Figure 9.
INTERNAL REFERENCE VOLTAGE
INTERNAL REFERENCE VOLTAGE
vs LOAD CURRENT (Grades C and D)
vs LOAD CURRENT (Grades A and B)
Figure 10.
Figure 11.
INTERNAL REFERENCE VOLTAGE
INTERNAL REFERENCE VOLTAGE
vs SUPPLY VOLTAGE (Grades C and D)
vs SUPPLY VOLTAGE (Grades A and B)
Figure 12.
Figure 13.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC7568 DAC8168 DAC8568


Similar Part No. - DAC8168ICPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8168ICPW TI-DAC8168ICPW Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8168ICPW TI-DAC8168ICPW Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8168ICPWR TI-DAC8168ICPWR Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8168ICPWR TI-DAC8168ICPWR Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results

Similar Description - DAC8168ICPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com