Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3232ECDWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3232ECDWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3232ECDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRS3232ECDWR Datasheet HTML 2Page - Texas Instruments TRS3232ECDWR Datasheet HTML 3Page - Texas Instruments TRS3232ECDWR Datasheet HTML 4Page - Texas Instruments TRS3232ECDWR Datasheet HTML 5Page - Texas Instruments TRS3232ECDWR Datasheet HTML 6Page - Texas Instruments TRS3232ECDWR Datasheet HTML 7Page - Texas Instruments TRS3232ECDWR Datasheet HTML 8Page - Texas Instruments TRS3232ECDWR Datasheet HTML 9Page - Texas Instruments TRS3232ECDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tPTLH
Generator
(see Note B)
RL
RS-232
Output
tPTHL
CL
(see Note A)
SR(tr) +
6 V
t
PTHL
or t
PTLH
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
1.5 V
1.5 V
3 V
−3 V
3 V
−3 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tPLH
tPHL
50%
50%
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
1.5 V
1.5 V
50
Generator
(see Note B)
RL
RS-232
Output
CL
(see Note A)
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
50%
50%
−3 V
3 V
1.5 V
1.5 V
Output
Input
VOL
VOH
tPHL
Generator
(see Note B)
tPLH
Output
CL
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
TRS3232E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS790 – JUNE 2007
Figure 1. Driver Slew Rate
Figure 2. Driver Pulse Skew
Figure 3. Receiver Propagation Delay Times
6
Submit Documentation Feedback


Similar Part No. - TRS3232ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3232ECDWR TI-TRS3232ECDWR Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
More results

Similar Description - TRS3232ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E_101 TI-MAX3232E_101 Datasheet
531Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_07 Datasheet
352Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E_09 Datasheet
742Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E Datasheet
652Kb / 24P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E-Q1 TI1-TRS3232E-Q1 Datasheet
204Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com