Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3222EIRHLR Datasheet(PDF) 1 Page - Texas Instruments

Part # TRS3222EIRHLR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3222EIRHLR Datasheet(HTML) 1 Page - Texas Instruments

  TRS3222EIRHLR Datasheet HTML 1Page - Texas Instruments TRS3222EIRHLR Datasheet HTML 2Page - Texas Instruments TRS3222EIRHLR Datasheet HTML 3Page - Texas Instruments TRS3222EIRHLR Datasheet HTML 4Page - Texas Instruments TRS3222EIRHLR Datasheet HTML 5Page - Texas Instruments TRS3222EIRHLR Datasheet HTML 6Page - Texas Instruments TRS3222EIRHLR Datasheet HTML 7Page - Texas Instruments TRS3222EIRHLR Datasheet HTML 8Page - Texas Instruments TRS3222EIRHLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EN
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
PWRDOWN
VCC
GND
DOUT1
RIN1
ROUT1
N.C.
DIN1
DIN2
N.C.
N.C. − No internal connection
RHL PACKAGE
(TOP VIEW)
1
24
12
13
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14
VCC
N.C.
GND
DOUT1
RIN1
ROUT1
N.C.
DIN1
N.C.
DIN2
C1+
N.C.
V+
C1–
C2+
C2–
V–
DOUT2
N.C.
RIN2
N.C. − No internal connection
The TRS3222E can be placed in the power-down mode by setting the power-down (PWRDOWN) input low,
TRS3222E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS793 – JUNE 2007
• ESD Protection for RS-232 Bus Pins
±15-kV Human-Body Model (HBM)
±8-kV IEC61000-4-2, Contact Discharge
±15-kV IEC61000-4-2, Air-Gap Discharge
• Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
• Operates With 3-V to 5.5-V V
CC Supply
• Operates up to 500 kbit/s
• Two Drivers and Two Receivers
• Low Standby Current . . . 1 μA Typ
• External Capacitors . . . 4 × 0.1 μF
• Accepts 5-V Logic Input With 3.3-V Supply
• Alternative High-Speed Pin-Compatible Device
(1 Mbit/s) for TRS3222E
• Battery-Powered Systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-Held Equipment
INFORMATION
The TRS3222E consists of two line drivers, two line
receivers, and a dual charge-pump circuit with
±15-kV ESD protection pin to pin (serial-port
connection pins, including GND).
The device meets the requirements of TIA/EIA-232-F
and provides the electrical interface between an
asynchronous communication controller and the
serial-port connector. The charge pump and four
small external capacitors allow operation from a
single 3-V to 5.5-V supply. The device operates at
typical data signaling rates up to 500 kbit/s and a
maximum of 30-V/
μs driver output slew rate.
which draws only 1
μA from the power supply. When the device is powered down, the receivers remain active
while the drivers are placed in the high-impedance state. Also, during power down, the onboard charge pump is
disabled; V+ is lowered to VCC, and V– is raised toward GND. Receiver outputs also can be placed in the
high-impedance state by setting enable (EN) high.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRS3222EIRHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222CDB TI-TRS3222CDB Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222CDB TI-TRS3222CDB Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222CDBG4 TI-TRS3222CDBG4 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS3222EIRHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3232 TI-TRS3232_1 Datasheet
611Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRSF3222E TI1-TRSF3222E Datasheet
652Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223_08 Datasheet
448Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222_10 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com