Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3227ECDBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3227ECDBR
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3227ECDBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRS3227ECDBR Datasheet HTML 5Page - Texas Instruments TRS3227ECDBR Datasheet HTML 6Page - Texas Instruments TRS3227ECDBR Datasheet HTML 7Page - Texas Instruments TRS3227ECDBR Datasheet HTML 8Page - Texas Instruments TRS3227ECDBR Datasheet HTML 9Page - Texas Instruments TRS3227ECDBR Datasheet HTML 10Page - Texas Instruments TRS3227ECDBR Datasheet HTML 11Page - Texas Instruments TRS3227ECDBR Datasheet HTML 12Page - Texas Instruments TRS3227ECDBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
tWU
VCC
0
0
V+
V−
VCC
0
Transmitter
Inputs
Receiver
Inputs
}
INVALID
Output
Transmitter
Outputs
VCC
Invalid
Region
Output
tINVH
tWU
tINVL
TEST CIRCUIT
50
Generator
(see Note B)
ROUT
Auto-Powerdown
Plus
INVALID
DOUT
DIN
CL = 30 pF
(see Note A)
2.7 V
−2.7 V
0.3 V
−0.3 V
0 V
Valid RS-232 Level, INVALID High
Indeterminate
Indeterminate
If Signal Remains Within This Region
for More Than 30
µs, INVALID Is Low
Valid RS-232 Level, INVALID High
Auto-powerdown disables drivers and reduces supply
current to 1
µA.
VOLTAGE WAVEFORMS
TRS3227E
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS795 – JUNE 2007
Figure 4. INVALID Propagation Delay Times and Driver Enabling Time
9
Submit Documentation Feedback


Similar Part No. - TRS3227ECDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3227 TI-TRS3227 Datasheet
499Kb / 17P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
587Kb / 20P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
TRS3227 TI-TRS3227 Datasheet
893Kb / 21P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3227 TI-TRS3227 Datasheet
1Mb / 22P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - TRS3227ECDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E TI-TRS3232E Datasheet
444Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com