Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS208INT Datasheet(PDF) 11 Page - Texas Instruments

Part # TRS208INT
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS208INT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRS208INT Datasheet HTML 7Page - Texas Instruments TRS208INT Datasheet HTML 8Page - Texas Instruments TRS208INT Datasheet HTML 9Page - Texas Instruments TRS208INT Datasheet HTML 10Page - Texas Instruments TRS208INT Datasheet HTML 11Page - Texas Instruments TRS208INT Datasheet HTML 12Page - Texas Instruments TRS208INT Datasheet HTML 13Page - Texas Instruments TRS208INT Datasheet HTML 14Page - Texas Instruments TRS208INT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jul-2010
Addendum-Page 2
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TRS208INT

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
TRS2001EN-0065-C ATGBICS-TRS2001EN-0065-C Datasheet
375Kb / 10P
   TRS2001EN-0065 Opnext Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
Texas Instruments
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202CD TI-TRS202CD Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202CDG4 TI-TRS202CDG4 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202CDR TI-TRS202CDR Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS208INT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com