Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070RSLT Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65070RSLT
Description  Single Chip Power Solution for Battery Powered Systems
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65070RSLT Datasheet(HTML) 63 Page - Texas Instruments

Back Button TPS65070RSLT Datasheet HTML 59Page - Texas Instruments TPS65070RSLT Datasheet HTML 60Page - Texas Instruments TPS65070RSLT Datasheet HTML 61Page - Texas Instruments TPS65070RSLT Datasheet HTML 62Page - Texas Instruments TPS65070RSLT Datasheet HTML 63Page - Texas Instruments TPS65070RSLT Datasheet HTML 64Page - Texas Instruments TPS65070RSLT Datasheet HTML 65Page - Texas Instruments TPS65070RSLT Datasheet HTML 66Page - Texas Instruments TPS65070RSLT Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
L
Vout
1
Vin
I
= Vout
L
-
D
´
´ ¦
L
Lmax
outmax
I
I
= I
+
2
D
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com
SLVS950B – JULY 2009 – REVISED DECEMBER 2009
APPLICATION INFORMATION
STEP-DOWN CONVERTERS
OUTPUT FILTER DESIGN (INDUCTOR AND OUTPUT CAPACITOR)
Inductor Selection
The step-down converters operate typically with 2.2
μH output inductor. Larger or smaller inductor values can be
used to optimize the performance of the device for specific operation conditions. The selected inductor has to be
rated for its DC resistance and saturation current. The DC resistance of the inductance will influence directly the
efficiency of the converter. Therefore an inductor with lowest DC resistance should be selected for highest
efficiency.
Equation 4 can be used to calculate the maximum inductor current under static load conditions. The saturation
current of the inductor should be rated higher than the maximum inductor current as calculated with Equation 4.
This is recommended because during heavy load transient the inductor current will rise above the calculated
value.
(4)
(5)
With
f = Switching Frequency (2.25MHz typical)
L = Inductor Value
ΔIL= Peak to Peak inductor ripple current
ILmax = Maximum Inductor current
The highest inductor current will occur at maximum Vin.
Open core inductors have a soft saturation characteristic and they can usually handle higher inductor currents
versus a comparable shielded inductor.
A more conservative approach is to select the inductor current rating just for the maximum switch current of the
corresponding converter. It must be considered, that the core material from inductor to inductor differs and will
have an impact on the efficiency especially at high switching frequencies.
Refer to Table 4 and the typical applications for possible inductors.
Table 4. Tested Inductors
INDUCTOR TYPE
RECOMMENDED
INDUCTOR VALUE
SUPPLIER
MAXIMUM DC
CURRENT
LPS3010
0.6 A
2.2
μH
Coilcraft
LPS3015
1.2 A
2.2
μH
Coilcraft
LPS4018
1.5 A
2.2
μH
Coilcraft
VLCF4020
1.5 A
2.2
μH
TDK
Output Capacitor Selection
The advanced Fast Response voltage mode control scheme of the two converters allow the use of small ceramic
capacitors with a typical value of 10
μF, without having large output voltage under and overshoots during heavy
load transients. Ceramic capacitors having low ESR values result in lowest output voltage ripple and are
therefore recommended. Please refer to for recommended components.
If ceramic output capacitors are used, the capacitor RMS ripple current rating will always meet the application
requirements. Just for completeness the RMS ripple current is calculated as:
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): TPS65070 TPS65072 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLT TI1-TPS65070RSLT Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com