Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650241-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650241-Q1
Description  POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650241-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS650241-Q1 Datasheet HTML 19Page - Texas Instruments TPS650241-Q1 Datasheet HTML 20Page - Texas Instruments TPS650241-Q1 Datasheet HTML 21Page - Texas Instruments TPS650241-Q1 Datasheet HTML 22Page - Texas Instruments TPS650241-Q1 Datasheet HTML 23Page - Texas Instruments TPS650241-Q1 Datasheet HTML 24Page - Texas Instruments TPS650241-Q1 Datasheet HTML 25Page - Texas Instruments TPS650241-Q1 Datasheet HTML 26Page - Texas Instruments TPS650241-Q1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
V
OUT + VDEFDCDCx
R1 ) R2
R2
R1 + R2
V
OUT
V
DEFDCDCx
* R2
V
OUT + VFBLDOx
R5 ) R6
R6
R5 + R6
V
OUT
V
FBLDOx
* R6
TPS650241-Q1
TPS650243-Q1
www.ti.com ......................................................................................................................................................................................... SLVS994 – SEPTEMBER 2009
Voltage Change on VDCDC3
The output voltage of VDCDC3 can be changed during operation from, for example, 0.9V to 1.375V
(TPS650241) and back. While the output voltage at VDCDC1 and VDCDC2 is fixed after the device exits
undervoltage lockout (UVLO), the status of the DEFDCDC3 pin is sensed during operation and the voltage is
changed as soon as the logic level on this pin changes from low to high or vice versa. Therefore it is not possible
to connect a resistor divider to DEFDCDC3 and set a voltage different from the predefined voltages.
Vdd_alive Output
The Vdd_alive LDO is typically connected to the Vdd_alive input of the Samsung application processor. It
provides an output voltage of 1.2V at 30mA. For the TPS650245, the output voltage is 1.1V. It is recommended
to add a capacitor of 2.2
μF minimum to the Vdd_alive pin. The LDO can be disabled by pulling the
EN_Vdd_alive pin to GND.
LDO1 and LDO2
The LDOs in the TPS65024x are general purpose LDOs which are stable using ceramics capacitors. The
minimum output capacitor required is 2.2
μF. The LDOs output voltage can be changed to different voltages
between 1.0V and Vin using an external resistor divider. Therefore they can also be used as general purpose
LDOs in the application. The supply voltage for the LDOs needs to be connected to the VINLDO pin, giving the
flexibility to connect the lowest voltage available in the system and therefore providing the highest efficiency.
The total resistance (R5+R6) of the voltage divider should be kept in the 1M
Ω range in order to maintain high
efficiency at light load. VFBLDOx= 1.0V.
Vcc-Filter
An RC filter connected at the Vcc input is used to keep noise from the internal supply for the bandgap and other
analog circuitry. A typical value of 1
Ω and 1μF is used to filter the switching spikes, generated by the DC/DC
converters. A larger resistor than 10
Ω should not be used because the current into Vcc of up to 2.5mA causes a
voltage drop at the resistor causing the undervoltage lockout circuitry connected at Vcc internally to switch off too
early.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TPS650241-Q1 TPS650243-Q1


Similar Part No. - TPS650241-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650241-Q1 TI1-TPS650241-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS650241-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com