Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2530F64RHAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2530F64RHAT
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2530F64RHAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2530F64RHAT Datasheet HTML 3Page - Texas Instruments CC2530F64RHAT Datasheet HTML 4Page - Texas Instruments CC2530F64RHAT Datasheet HTML 5Page - Texas Instruments CC2530F64RHAT Datasheet HTML 6Page - Texas Instruments CC2530F64RHAT Datasheet HTML 7Page - Texas Instruments CC2530F64RHAT Datasheet HTML 8Page - Texas Instruments CC2530F64RHAT Datasheet HTML 9Page - Texas Instruments CC2530F64RHAT Datasheet HTML 10Page - Texas Instruments CC2530F64RHAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
32-MHz CRYSTAL OSCILLATOR
32.768-kHz CRYSTAL OSCILLATOR
32-kHz RC OSCILLATOR
CC2530F32, CC2530F64, CC2530F128, CC2530F256
www.ti.com .......................................................................................................................................................... SWRS081A – APRIL 2009 – REVISED APRIL 2009
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency
32
MHz
Crystal frequency accuracy
–40
40
ppm
requirement(1)
ESR
Equivalent series resistance
6
60
C0
Crystal shunt capacitance
1
7
pF
CL
Crystal load capacitance
10
16
pF
Start-up time
0.3
ms
The crystal oscillator must be in power down for a
guard time before it is used again. This
Power-down guard time
requirement is valid for all modes of operation. The
3
ms
need for power-down guard time can vary with
crystal type and load.
(1)
Including aging and temperature dependency, as specified by [1]
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
Crystal frequency accuracy
–40
40
ppm
requirement(1)
ESR
Equivalent series resistance
40
130
C0
Crystal shunt capacitance
0.9
2
pF
CL
Crystal load capacitance
12
16
pF
Start-up time
0.4
s
(1)
Including aging and temperature dependency, as specified by [1]
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Calibrated frequency(1)
32.753
kHz
Frequency accuracy after calibration
±0.2%
Temperature coefficient(2)
0.4
%/°C
Supply-voltage coefficient(3)
3
%/V
Calibration time(4)
2
ms
(1)
The calibrated 32-kHz RC oscillator frequency is the 32-MHz XTAL frequency divided by 977.
(2)
Frequency drift when temperature changes after calibration
(3)
Frequency drift when supply voltage changes after calibration
(4)
When the 32-kHz RC oscillator is enabled, it is calibrated when a switch from the 16-MHz RC oscillator to the 32-MHz crystal oscillator
is performed while SLEEPCMD.OSC32K_CALDIS is 0.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256


Similar Part No. - CC2530F64RHAT

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F64RHAT APLUS-CC2530F64RHAT Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F64RHAT TI-CC2530F64RHAT Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F64RHAT TI-CC2530F64RHAT Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F64RHAT TI-CC2530F64RHAT Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F64RHAT TI1-CC2530F64RHAT Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F64RHAT

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com