Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO-121.8SP Datasheet(PDF) 3 Page - Recom International Power

Part # RO-121.8SP
Description  1 Watt SIP4 & SIP7 Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RO-121.8SP Datasheet(HTML) 3 Page - Recom International Power

  RO-121.8SP Datasheet HTML 1Page - Recom International Power RO-121.8SP Datasheet HTML 2Page - Recom International Power RO-121.8SP Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
18
www.recom-international.com
April-2005
Package Style and Pinning (mm)
RO &
&
RE
Series
ECONOLINE
DC/DC-Converter
2.54
2.54
Top View
Bottom View
6.00
1.27
0.25
7.62
1.9
2
13 4
4.10
0.51 typ.
0.51 typ.
10.00
RECOM
RO-0505S
****
1.00ø+0.15/–0
11.50
RECOM
RO-0505S
****
3rd angle
projection
Recommended Footprint Details
4 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Bottom View
Top View
12
4
6
RECOM
RE-0505S
****
1.27
0.25
12.70
2.0
0.51 typ.
4.10
0.51 typ.
10.20
RECOM
RE-0505S
****
2.54
1.00ø+0.15/–0
2.54
19.60
6.00
Recommended Footprint Details
7 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RO Pin Connections
Pin #
Single
1
–Vin
2
+Vin
3
–Vout
4
+Vout
RE Pin Connections
Pin #
Single
1
+Vin
2
–Vin
4
–Vout
6
+Vout


Similar Part No. - RO-121.8SP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-121.8SP RECOM-RO-121.8SP Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
More results

Similar Description - RO-121.8SP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
   1 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
   1 Watt SIP7 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
   1 Watt SIP4 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
   1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
   1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
   1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
   1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com