Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2530F256RHAR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC2530F256RHAR
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2530F256RHAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2530F256RHAR Datasheet HTML 4Page - Texas Instruments CC2530F256RHAR Datasheet HTML 5Page - Texas Instruments CC2530F256RHAR Datasheet HTML 6Page - Texas Instruments CC2530F256RHAR Datasheet HTML 7Page - Texas Instruments CC2530F256RHAR Datasheet HTML 8Page - Texas Instruments CC2530F256RHAR Datasheet HTML 9Page - Texas Instruments CC2530F256RHAR Datasheet HTML 10Page - Texas Instruments CC2530F256RHAR Datasheet HTML 11Page - Texas Instruments CC2530F256RHAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
16-MHz RC OSCILLATOR
RSSI/CCA CHARACTERISTICS
FREQEST CHARACTERISTICS
FREQUENCY SYNTHESIZER CHARACTERISTICS
ANALOG TEMPERATURE SENSOR
CC2530F32, CC2530F64, CC2530F128, CC2530F256
SWRS081A – APRIL 2009 – REVISED APRIL 2009 .......................................................................................................................................................... www.ti.com
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency(1)
16
MHz
Uncalibrated frequency accuracy
±18%
Calibrated frequency accuracy
±0.6%
±1%
Start-up time
10
µs
Initial calibration time(2)
50
µs
(1)
The calibrated 16-MHz RC oscillator frequency is the 32-MHz XTAL frequency divided by 2.
(2)
When the 16-MHz RC oscillator is enabled, it is calibrated when a switch from the 16-MHz RC oscillator to the 32-MHz crystal oscillator
is performed while SLEEPCMD.OSC_PD is set to 0.
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RSSI range
100
dB
Absolute uncalibrated RSSI/CCA accuracy
±4
dB
RSSI/CCA offset(1)
73
dB
Step size (LSB value)
1
dB
(1)
Real RSSI = Register value – offset
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQEST range
±250
kHz
FREQEST accuracy
±40
kHz
FREQEST offset(1)
20
kHz
Step size (LSB value)
7.8
kHz
(1)
Real FREQEST = Register value – offset
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At ±1-MHz offset from carrier
–110
Phase noise, unmodulated carrier
At ±2-MHz offset from carrier
–117
dBc/Hz
At ±5-MHz offset from carrier
–122
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output at 25°C
1480
12-bit ADC
Temperature coefficient
4.5
/10°C
Voltage coefficient
1
/0.1 V
Measured using integrated ADC using
Initial accuracy without calibration
±10
°C
internal bandgap voltage reference and
maximum resolution
Accuracy using 1-point calibration (entire
±5
°C
temperature range)
Current consumption when enabled (ADC
0.5
mA
current not included)
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256


Similar Part No. - CC2530F256RHAR

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F256RHAR APLUS-CC2530F256RHAR Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F256RHAR TI-CC2530F256RHAR Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256RHAR TI-CC2530F256RHAR Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256RHAR TI-CC2530F256RHAR Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256RHAR TI1-CC2530F256RHAR Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F256RHAR

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com