Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P15IRGCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P15IRGCT
Description  Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P15IRGCT Datasheet(HTML) 1 Page - Texas Instruments

  ADS62P15IRGCT Datasheet HTML 1Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 2Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 3Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 4Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 5Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 6Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
ADS62P15
www.ti.com .................................................................................................................................................... SLAS572B – OCTOBER 2007 – REVISED APRIL 2009
Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
Reference also
• Maximum Sample Rate: 125 MSPS
• 64-QFN Package (9mm × 9mm)
• 11-Bit Resolution With No Missing Codes
• Pin Compatible 14-bit and 12-bit Family
(ADS62P4X/ADS62P2X)
• 84 dBc SFDR at Fin = 50 MHz
• 67.1 dBFS SNR at Fin = 50 MHz
• 92 dB Crosstalk
• Wireless Communications Infrastructure
• Parallel CMOS and DDR LVDS Output Options
• Software Defined Radio
• 3.5 dB Coarse Gain and Programmable Fine
• Power Amplifier Linearization
Gain up to 6 dB for SNR/SFDR Trade-Off
• 802.16d/e
• Digital Processing Block With:
• Medical Imaging
Offset Correction
• Radar Systems
Fine Gain Correction, in Steps of 0.05 dB
• Test and Measurement Instrumentation
Decimation by 2/4/8
Table 1. ADS62PXX Dual Channel Family
Built-in and Custom Programmable 24-Tap
125 MSPS
105 MSPS
80 MSPS
65 MSPS
Low/High /Band Pass Filters
ADS62P4X
• Supports Sine, LVPECL, LVDS & LVCMOS
ADS62P45
ADS62P44
ADS62P43
ADS62P42
(14 bit)
Clocks & Amplitude Down to 400 mVPP
ADS62P2X
ADS62P25
ADS62P24
ADS62P23
ADS62P22
• Clock Duty Cycle Stabilizer
(12 bit)
(11 bit)
ADS62P15
-
-
-
• Internal Reference; Supports External
ADS62P15 is a dual channel 11-bit A/D converter with maximum sample rates up to 125 MSPS. It combines high
performance and low power consumption in a compact 64 QFN package. Using an internal sample and hold and
low jitter clock buffer, the ADC supports high SNR and high SFDR at high input frequencies. It has coarse and
fine gain options that can be used to improve SFDR performance at lower full-scale input ranges.
ADS62P15 includes a digital processing block that consists of several useful and commonly used digital
functions such as ADC offset correction, fine gain correction (in steps of 0.05 dB), decimation by 2,4,8 and
in-built and custom programmable filters. By default, the digital processing block is bypassed, and its functions
are disabled.
Two output interface options exist – parallel CMOS and DDR LVDS (Double Data Rate). ADS62P15 includes
internal references while traditional reference pins and associated decoupling capacitors have been eliminated.
Nevertheless, the device can also be driven with an external reference. The device is specified over the industrial
temperature range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS62P15IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15IRGCT TI-ADS62P15IRGCT Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCT TI-ADS62P15IRGCT Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCTG4 TI-ADS62P15IRGCTG4 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCTG4 TI-ADS62P15IRGCTG4 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Similar Description - ADS62P15IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com