Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P15IRGCRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS62P15IRGCRG4
Description  Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P15IRGCRG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS62P15IRGCRG4 Datasheet HTML 1Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 2Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 3Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 4Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 5Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 6Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 7Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 8Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
OFFSET
ESTIMATION
BLOCK
24TAP FILTER
- LOWPASS
- HIGHPASS
- BANDPASS
DECIMATION
BY2/4/8
DISABLE
OFFSET
CORRECTION
FREEZE
OFFSET
CORRECTION
0
FINEGAIN
(0 to 6 dB, 0.5 dB
steps)
GAIN
CORRECTION
(0.05dBsteps)
BYPASS
DECIMATION
BYPASS
FILTER
ToLVDSorCMOS
outputbuffers
11bits
11bits
11bits
11bits
11 bits
11bits
From ADC
output
FILTER
SELECTION
CLIPPER
DIGITAL
PROCESSINGBLOCK
ABSOLUTE MAXIMUM RATINGS
(1)
ADS62P15
www.ti.com .................................................................................................................................................... SLAS572B – OCTOBER 2007 – REVISED APRIL 2009
Figure 1. Digital Processing Block Diagram
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE-
PACKAGE
LEAD/BALL
PACKAGE
ORDERING(2)
PRODUCT
TEMPERATURE
MEDIA,
LEAD
DESIGNATOR
FINISH
MARKING
NUMBER
RANGE
QUANTITY
ADS62P15RGCT
250 Tape/Reel
ADS62P15
QFN-64
RGC
–40°C to 85°C
Cu NiPdAu
AZ62P15
ADS62P15RGCR
2000 Tape/Reel
(1)
For thermal pad size on the package, see the mechanical drawings at the end of this data sheet.
θ
JA = 23.17 °C/W (0 LFM airflow), θJC
= 22.1 °C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in. x 3 in. PCB.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
VALUE
UNIT
Supply voltage range, AVDD, DRVDD
–0.3 V to 3.9
V
–0.3 V to 3.9
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
Voltage between AVDD to DRVDD
–0.3 to 3.3
V
VSS
Voltage applied to external pin, CM (in external reference mode)
-0.3 to 2
V
–0.3V to minimum
Voltage applied to analog input pins, INA_P, INA_M, INB_P, INB_M
V
( 3.6, AVDD + 0.3 V )
Voltage applied to clock input pins, CLKP, CLKM
–0.3 V to AVDD + 0.3 V
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS62P15


Similar Part No. - ADS62P15IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15IRGCRG4 TI-ADS62P15IRGCRG4 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCRG4 TI-ADS62P15IRGCRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Similar Description - ADS62P15IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com