Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

800216FR Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part No. 800216FR
Description  0.8mm PITCH SCSI CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUYIN-USA [SUYIN USA, INC.]
Homepage  http://www.suyinusa.com
Logo 

800216FR Datasheet(HTML) 1 Page - SUYIN USA, INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
248
I/O
Recommended P.C.B Layout
Order Information
800216FR Series
0.8mm PITCH SCSI
CONNECTOR
Mates with SUYIN 800217MC Series
Specifications:
Insulator Material
Operating Temp. Range
Terminal Material
Plating
Max. Current Rating
Voltage Rating
Dielectric Strength
: High Temp. Plastic
: -40
to +105
: Phosphor Bronze
: Gold Plating
: 0.5A
: 100V AC
: 500V (Min. 60 Seconds)
(FEMALE R/A DIP TYPE)
(BOARD SIDE)
800216FR068S500ZU
1. 'R' : Right Angle Dip Type
2. No. of Pins
3. Plating
'S5' : 30u" selsctive gold in contact area
/min. 100u"tin solder area
4. Color 'Z' : Black
5. Package
'U' : Tube Packge Without CAP
Reference Page 11
12 3
4 5


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn