Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL2575HV-15INE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TL2575HV-15INE4
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575HV-15INE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL2575HV-15INE4 Datasheet HTML 4Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 5Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 6Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 7Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 8Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 9Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 10Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 11Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
TL2575HV Electrical Characteristics (continued)
I
LOAD = 200 mA, VIN = 12 V for 3.3-V, 5-V, and adjustable versions, VIN = 25 V for 12-V version, VIN = 30 V for 15-V version
(unless otherwise noted) (see Figure 2)
TL2575HV
PARAMETER
TEST CONDITIONS
TJ
UNIT
MIN
TYP
MAX
25
°C
2.2
1.4
ON/OFF high-level logic
VIH
OFF (VOUT = 0 V)
V
input voltage
Full range
2.4
25
°C
1.2
1
VIL
ON/OFF low-level logic input voltage ON (VOUT = nominal voltage)
V
Full range
0.8
IIH
ON/OFF high-level input current
OFF (ON/OFF = 5 V)
12
30
µA
25
°C
IIL
ON/OFF low-level input current
ON (ON/OFF = 0 V)
0
10
µA
8
Submit Documentation Feedback


Similar Part No. - TL2575HV-15INE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2575HV-15INE4 TI-TL2575HV-15INE4 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-15INE4 TI-TL2575HV-15INE4 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-15INE4 TI-TL2575HV-15INE4 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
More results

Similar Description - TL2575HV-15INE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575 TI-TL2575 Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_15 Datasheet
1Mb / 32P
[Old version datasheet]   TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com