Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E001DRSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E001DRSR
Description  LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2E001DRSR Datasheet(HTML) 3 Page - Texas Instruments

  TPD2E001DRSR Datasheet HTML 1Page - Texas Instruments TPD2E001DRSR Datasheet HTML 2Page - Texas Instruments TPD2E001DRSR Datasheet HTML 3Page - Texas Instruments TPD2E001DRSR Datasheet HTML 4Page - Texas Instruments TPD2E001DRSR Datasheet HTML 5Page - Texas Instruments TPD2E001DRSR Datasheet HTML 6Page - Texas Instruments TPD2E001DRSR Datasheet HTML 7Page - Texas Instruments TPD2E001DRSR Datasheet HTML 8Page - Texas Instruments TPD2E001DRSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
ESD PROTECTION
TPD2E001
www.ti.com............................................................................................................................................................... SLLS684E – JULY 2006 – REVISED JUNE 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
–0.3
7
V
VIO
–0.3
VCC + 0.3
V
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
Infrared (15 s)
220
Bump temperature (soldering)
°C
Vapor phase (60 s)
215
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute-maximum-rating conditions for extended periods may affect device reliability.
VCC = 5 V ± 10%, TA = -40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC
Supply voltage
0.9
5.5
V
ICC
Supply current
1
100
nA
VF
Diode forward voltage
IF = 10 mA
0.65
0.95
V
VBR
Breakdown Voltage
IBR = 10mA
11
V
Positive transients
VCC + 25
TA = 25°C, ±15-kV HBM,
IF = 10 A
Negative transients
–25
TA = 25°C,
Positive transients
VCC + 60
±8-kV Contact Discharge
VC
Channel clamp voltage(2)
V
Negative transients
–60
(IEC 61000-4-2), IF = 24 A
TA = 25°C,
Positive transients
VCC + 100
±15-kV Air-Gap Discharge
Negative transients
–100
(IEC 61000-4-2), IF = 45 A
Ii/o
Channel leakage current
Vi/o = GND to VCC
±1
nA
Ci/o
Channel input capacitance
VCC = 5 V, Bias of VCC/2
1.5
pF
(1)
Typical values are at VCC = 5 V and TA = 25°C
(2)
Channel clamp voltage is not production tested.
PARAMETER
TYP
UNIT
HBM
±15
kV
IEC 61000-4-2 Contact Discharge
±8
kV
IEC 61000-4-2 Air-Gap Discharge
±15
kV
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD2E001


Similar Part No. - TPD2E001DRSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001DRSR TI-TPD2E001DRSR Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRSR TI-TPD2E001DRSR Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRSR TI1-TPD2E001DRSR Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRSR TI1-TPD2E001DRSR Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
More results

Similar Description - TPD2E001DRSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_12 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_14 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 2-Channel 짹15-kV ESD-Protection Array For High-Speed Data Interfaces
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
383Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001_08 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI1-TPD3E001_14 Datasheet
787Kb / 18P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com