Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E001 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E001
Description  LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2E001 Datasheet(HTML) 5 Page - Texas Instruments

  TPD2E001 Datasheet HTML 1Page - Texas Instruments TPD2E001 Datasheet HTML 2Page - Texas Instruments TPD2E001 Datasheet HTML 3Page - Texas Instruments TPD2E001 Datasheet HTML 4Page - Texas Instruments TPD2E001 Datasheet HTML 5Page - Texas Instruments TPD2E001 Datasheet HTML 6Page - Texas Instruments TPD2E001 Datasheet HTML 7Page - Texas Instruments TPD2E001 Datasheet HTML 8Page - Texas Instruments TPD2E001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
APPLICATION INFORMATION
0.1 µF
USB
Controller
R
T
R
T
V
BUS
D+
D–
GND
GND
IO2
D1
IO1
V
CC
Detailed Description
TPD2E001
www.ti.com............................................................................................................................................................... SLLS684E – JULY 2006 – REVISED JUNE 2008
When placed near the connector, the TPD2E001 ESD solution offers little or no signal distortion during normal
operation due to low IO capacitance and ultra-low leakage current specifications. The TPD2E001 ensures that
the core circuitry is protected and the system is functioning properly in the event of an ESD strike. For proper
operation, the following layout/ design guidelines should be followed:
1. Place the TPD2E001 solution close to the connector. This allows the TPD2E001 to take away the energy
associated with ESD strike before it reaches the internal circuitry of the system board.
2. Place a 0.1-
µF capacitor very close to the V
CC pin. This limits any momentary voltage surge at the IO pin
during the ESD strike event.
3. Make sure that there is enough metallization for the VCC and GND loop. During normal operation, the
TPD2E001 consumes nA leakage current. But during the ESD event, VCC and GND may see 15 A to 30 A of
current, depending on the ESD level. Sufficient current path enables safe discharge of all the energy
associated with the ESD strike.
4. Leave the unused IO pins floating.
5. The VCC pin can be connected in two different ways:
a.
If the VCC pin is connected to the system power supply, the TPD2E001 works as a transient suppressor
for any signal swing above VCC + VF. A 0.1-µF capacitor on the device VCC pin is recommended for ESD
bypass.
b.
If the VCC pin is not connected to the system power supply, the TPD2E001 can tolerate higher signal
swing in the range up to 10 V. Please note that a 0.1-
µF capacitor is still recommended at the V
CC pin for
ESD bypass.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD2E001


Similar Part No. - TPD2E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 2-Channel 짹15-kV ESD-Protection Array For High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
More results

Similar Description - TPD2E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_12 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_14 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 2-Channel 짹15-kV ESD-Protection Array For High-Speed Data Interfaces
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
383Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001_08 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI1-TPD3E001_14 Datasheet
787Kb / 18P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com