Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOSA106M006-1000 Datasheet(PDF) 1 Page - AVX Corporation

Part # NOSA106M006-1000
Description  OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOSA106M006-1000 Datasheet(HTML) 1 Page - AVX Corporation

  NOSA106M006-1000 Datasheet HTML 1Page - AVX Corporation NOSA106M006-1000 Datasheet HTML 2Page - AVX Corporation NOSA106M006-1000 Datasheet HTML 3Page - AVX Corporation NOSA106M006-1000 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
82
OxiCap® NOS Low ESR Series
Niobium Oxide Capacitor
L
S
AA
W
1
W
H
Technical Data:
All technical data relate to an ambient temperature of +25°C is not stated
Capacitance Range:
10 μF to 1000 μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.02CV
Rated Voltage DC (V
R)
+85°C:
1.8
2.5
4
6.3
Category Voltage (V
C)
+125°C:
0.9
1.3
2
3
Surge Voltage (V
S)
+85°C:
2.3
3.3
5.2
8
Surge Voltage (V
S)
+125°C:
1.2
1.7
2.6
4
Temperature Range:
-55°C to +125°C
Reliability:
0.2% per 1000 hours at 85°C, VR, 0.1Ω/V series impedance, 60% confidence level
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H+0.20 (0.008)
W1 ±0.20 A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
–0.10 (0.004)
–0.10 (0.004)
(0.008)
–0.20 (0.008)
A
1206
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
1210
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
C
2312
6032-28
6.00 (0.236)
3.20 (0.126)
2.60 (0.102)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
D
2917
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
2917
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
V
2924
7361-38
7.30 (0.287)
6.10 (0.240)
3.45 ±0.30
3.10 (0.120)
1.40 (0.055)
4.40 (0.173)
(0.136±0.012)
W
2312
6032-15
6.00 (0.236)
3.20 (0.126)
1.50 (0.059) max. 2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
X
2917
7343-15
7.30 (0.287)
4.30 (0.169)
1.50 (0.059)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
Y
2917
7343-20
7.30 (0.287)
4.30 (0.169)
2.00 (0.079) max 2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
CASE DIMENSIONS: millimeters (inches)
Low ESR Nb0 capacitors
Non-burn safe technology
Reliability level: 0.2%/1000 hrs.
CV range: 10-1000μF / 1.8-6.3V
9 case sizes available
IBM global approval received in 2004
Electra Award received in 2005
Electra Award
2005
HOW TO ORDER
NOS
Type
D
Case Size
See table
above
107
Capacitance Code
1st two digits
represent significant
figures, 3rd digit
represents multiplier
in pF
M
Tolerance
M=±20%
006
Rated
DC Voltage
001 = 1.8Vdc
002 = 2.5Vdc
004 = 4Vdc
006 = 6.3Vdc
R
Packaging
R = Lead Free
7" Reel
S = Lead Free
13" Reel
0100
ESR in mΩ
Additional
characters may be
added for special
requirements
V = Dry pack Option
(selected codes only)
with exception of
D, E, X, Y, V cases
For part marking see page 132


Similar Part No. - NOSA106M006-1000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOSA106M006R0800 AVX-NOSA106M006R0800 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOSA106M006R1000 AVX-NOSA106M006R1000 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOSA106M006R2000 AVX-NOSA106M006R2000 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOSA106M006R2200 AVX-NOSA106M006R2200 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOSA106M006S0800 AVX-NOSA106M006S0800 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
More results

Similar Description - NOSA106M006-1000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NOME337M006R0023 AVX-NOME337M006R0023 Datasheet
137Kb / 3P
   OxiCap짰 NOM Low ESR Multianodes
NBME687M001CSB07 AVX-NBME687M001CSB07 Datasheet
119Kb / 3P
   OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com