Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3112D1 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPA3112D1
Description  25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3112D1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3112D1_10 Datasheet HTML 9Page - Texas Instruments TPA3112D1_10 Datasheet HTML 10Page - Texas Instruments TPA3112D1_10 Datasheet HTML 11Page - Texas Instruments TPA3112D1_10 Datasheet HTML 12Page - Texas Instruments TPA3112D1_10 Datasheet HTML 13Page - Texas Instruments TPA3112D1_10 Datasheet HTML 14Page - Texas Instruments TPA3112D1_10 Datasheet HTML 15Page - Texas Instruments TPA3112D1_10 Datasheet HTML 16Page - Texas Instruments TPA3112D1_10 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TPA3112D1
www.ti.com
SLOS654A – SEPTEMBER 2009 – REVISED JULY 2010
SHORT-CIRCUIT PROTECTION AND AUTOMATIC RECOVERY FEATURE
TPA3112D2 has protection from over-current conditions caused by a short circuit on the output stage. The short
circuit protection fault is reported on the FAULT pin as a low state. The amplifier outputs are switched to a Hi-Z
state when the short circuit protection latch is engaged. The latch can be cleared by cycling the SD pin through
the low state.
If automatic recovery from the short circuit protection latch is desired, connect the FAULT pin directly to the SD
pin. This will allow the FAULT pin function to automatically drive the SD pin low which will clear the short circuit
protection latch.
THERMAL PROTECTION
Thermal protection on the TPA3112D1 prevents damage to the device when the internal die temperature
exceeds 150°C. There is a ±15°C tolerance on this trip point from device to device. Once the die temperature
exceeds the thermal set point, the device enters into the shutdown state and the outputs are disabled. This is not
a latched fault. The thermal fault is cleared once the temperature of the die is reduced by 15°C. The device
begins normal operation at this point with no external system interaction.
Thermal protection faults are NOT reported on the FAULT terminal.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPA3112D1


Similar Part No. - TPA3112D1_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
More results

Similar Description - TPA3112D1_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1_10 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com