Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3111D1PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3111D1PWP
Description  10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3111D1PWP Datasheet(HTML) 3 Page - Texas Instruments

  TPA3111D1PWP Datasheet HTML 1Page - Texas Instruments TPA3111D1PWP Datasheet HTML 2Page - Texas Instruments TPA3111D1PWP Datasheet HTML 3Page - Texas Instruments TPA3111D1PWP Datasheet HTML 4Page - Texas Instruments TPA3111D1PWP Datasheet HTML 5Page - Texas Instruments TPA3111D1PWP Datasheet HTML 6Page - Texas Instruments TPA3111D1PWP Datasheet HTML 7Page - Texas Instruments TPA3111D1PWP Datasheet HTML 8Page - Texas Instruments TPA3111D1PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPA3111D1
www.ti.com
SLOS618A – AUGUST 2009 – REVISED JULY 2010
DC CHARACTERISTICS (continued)
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8 V, no load, PVcc=21V
400
µA
High Side
240
IO = 500 mA,
rDS(on)
Drain-source on-state resistance
m
TJ = 25°C
Low side
240
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
tON
Turn-on time
SD = 2 V
10
ms
tOFF
Turn-off time
SD = 0.8 V
2
ms
GVDD
Gate Drive Supply
IGVDD = 2mA
6.5
6.9
7.3
V
DC CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
1.5
15
mV
differentially)
ICC
Quiescent supply current
SD = 2 V, no load, PVcc=12V
20
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8 V, no load, PVcc=12V
200
µA
High Side
240
IO = 500 mA,
rDS(on)
Drain-source on-state resistance
m
TJ = 25°C
Low side
240
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
tON
Turn-on time
SD = 2 V
10
ms
tOFF
Turn-off time
SD = 0.8 V
2
ms
GVDD
Gate Drive Supply
IGVDD = 2mA
6.5
6.9
7.3
V
PLIMIT
Output Voltage maximum under PLIMIT
VPLIMIT=2.0 V; VI=6.0V differential
6.75
7.90
8.75
V
control
AC CHARACTERISTICS
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple from 20 Hz–1 kHz,
KSVR
Power Supply ripple rejection
–70
dB
Gain = 20 dB, Inputs ac-coupled to AGND
PO
Continuous output power
THD+N
≤ 0.1%, f = 1 kHz, VCC = 24 V
10
W
THD+N
Total harmonic distortion + noise
VCC = 24 V, f = 1 kHz, PO = 5 W (half-power)
<0.05
%
65
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Crosstalk
VO = 1 Vrms, Gain = 20 dB, f = 1 kHz
–70
dB
Maximum output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
102
dB
Gain = 20 dB, A-weighted
fOSC
Oscillator frequency
250
310
350
kHz
Thermal trip point
150
°C
Thermal hysteresis
15
°C
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA3111D1


Similar Part No. - TPA3111D1PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1PWP TI-TPA3111D1PWP Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1PWP TI1-TPA3111D1PWP Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1PWPR TI-TPA3111D1PWPR Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1PWPR TI-TPA3111D1PWPR Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1PWPR TI1-TPA3111D1PWPR Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
More results

Similar Description - TPA3111D1PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com