Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4757A Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 1N4757A
Description  1W 5% DO-41 ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1N4757A Datasheet(HTML) 1 Page - Rectron Semiconductor

  1N4757A Datasheet HTML 1Page - Rectron Semiconductor 1N4757A Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4728A
THRU
1N4757A
TECHNICAL SPECIFICATION
1W 5% DO-41 ZENER DIODE
s
m
e
t
Il
o
b
m
y
Ss
g
n
i
t
a
Rt
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
T
O
T
0
.
1W
g
n
i
t
a
r
e
D
r
e
w
o
P
0
5
e
v
o
b
a
(
o
)
C
7
6
.
6/
W
m
oC
e
g
a
t
l
o
V
d
r
a
w
r
o
F
A
m
0
0
2
=
f
I
@
f
V5
.
1V
e
c
n
e
r
e
l
o
T
z
V5
%
.
p
m
e
T
n
o
i
t
c
n
u
JT
J
5
7
1
o
t
5
6
-
oC
.
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
5
7
1
o
t
5
6
-
oC
Absolute Maximun Ratings (Ta=25oC)
s
m
e
t
Is
l
a
i
r
e
t
a
M
e
g
a
k
c
a
P1
4
-
O
D
e
s
a
Cl
l
a
c
i
t
e
m
r
e
Hy
s
s
a
l
g
d
e
l
a
e
s
h
s
i
n
i
F
/
d
a
e
Lg
n
i
t
a
l
P
r
e
d
l
o
S
/
d
u
t
s
e
l
b
u
o
D
p
i
h
Cd
e
t
a
v
i
s
s
a
P
s
s
a
l
G
Electrical Characteristics (Ta=25oC)
Mechanical Data
Dimensions
1
4
-
O
D1
4
-
O
D
1
4
-
O
D
1
4
-
O
D1
4
-
O
D
RECTRON
SEMICONDUCTOR
Dimensions in millimeters
E
P
Y
T
R
E
N
E
Z
E
G
A
T
L
O
V
)
V
(
z
V(
t
z
I
@)
A
m
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
)
A
m
(
t
z
I
@
)
s
m
h
o
(
z
R
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
)
A
m
(
t
z
I
@
)
s
m
h
o
(
z
R
M
U
M
I
X
A
M
E
S
R
E
V
E
R
T
N
E
R
R
U
C
)
A
u
(
R
I
)
V
(
R
V
@
.
P
M
E
T
.
F
F
E
O
C
z
v
d
/
%
(
o
)
C
A
8
2
7
4
N
16
7
3
.
36
7
0
.
0
10
.
1
0
0
40
0
1
0
.
16
0
.
0
-
A
9
2
7
4
N
19
6
6
.
39
6
0
.
0
10
.
1
0
0
40
0
1
0
.
16
0
.
0
-
A
0
3
7
4
N
14
6
9
.
34
6
0
.
90
.
1
0
0
40
5
0
.
15
0
.
0
-
A
1
3
7
4
N
18
5
3
.
48
5
0
.
90
.
1
0
0
40
1
0
.
13
0
.
0
-
A
2
3
7
4
N
13
5
7
.
43
5
0
.
80
.
1
0
0
50
1
0
.
11
0
.
0
-
A
3
3
7
4
N
19
4
1
.
59
4
0
.
70
.
1
0
5
50
1
0
.
11
0
.
0
A
4
3
7
4
N
15
4
6
.
55
4
0
.
50
.
1
0
0
60
1
0
.
23
0
.
0
A
5
3
7
4
N
11
4
2
.
61
4
0
.
20
.
1
0
0
70
1
0
.
34
0
.
0
A
6
3
7
4
N
17
3
8
.
67
3
5
.
30
.
1
0
0
70
1
0
.
45
0
.
0
A
7
3
7
4
N
14
3
5
.
74
3
0
.
45
.
0
0
0
70
1
0
.
55
0
.
0
A
8
3
7
4
N
11
3
2
.
81
3
5
.
45
.
0
0
0
70
1
0
.
66
0
.
0
A
9
3
7
4
N
18
2
1
.
98
2
0
.
55
.
0
0
0
70
1
0
.
76
0
.
0
A
0
4
7
4
N
15
2
0
.
0
15
2
0
.
75
2
.
0
0
0
70
1
6
.
77
0
.
0
27.9 MIN
27.9 MIN
4.06
5.51
0.71
0.87
DIA.
DIA.
2.03
2.72


Similar Part No. - 1N4757A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4757A VISHAY-1N4757A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4757A VISHAY-1N4757A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Weitron Technology
1N4757A WEITRON-1N4757A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
Rugao Dachang Electroni...
1N4757A DACHANG-1N4757A Datasheet
121Kb / 2P
   High stability and high reliability
logo
List of Unclassifed Man...
1N4757A ETC-1N4757A Datasheet
190Kb / 2P
   1W ZENER DIODE
More results

Similar Description - 1N4757A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
1N4728G TSC-1N4728G_14 Datasheet
111Kb / 5P
   1W DO-41 Zener Volatge Regulators
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
Rectron Semiconductor
BZX85C2V7 RECTRON-BZX85C2V7 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Jiangsu High diode Semi...
1N4001 HDSEMI-1N4001 Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diode
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
logo
Rectron Semiconductor
1N5223B RECTRON-1N5223B Datasheet
21Kb / 2P
   500mW 5% DO-35 ZENER DIODE
logo
Jiangsu High diode Semi...
P4KE HDSEMI-P4KE Datasheet
1Mb / 7P
   DO-41 Plastic-Encapsulate Diode
BA157 HDSEMI-BA157 Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diode
logo
New Jersey Semi-Conduct...
1N4291 NJSEMI-1N4291 Datasheet
151Kb / 1P
   DO-41
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com