Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3254 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3254
Description  Ultra Low Power Stereo Audio Codec With Embedded miniDSP
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3254 Datasheet(HTML) 2 Page - Texas Instruments

  TLV320AIC3254 Datasheet HTML 1Page - Texas Instruments TLV320AIC3254 Datasheet HTML 2Page - Texas Instruments TLV320AIC3254 Datasheet HTML 3Page - Texas Instruments TLV320AIC3254 Datasheet HTML 4Page - Texas Instruments TLV320AIC3254 Datasheet HTML 5Page - Texas Instruments TLV320AIC3254 Datasheet HTML 6Page - Texas Instruments TLV320AIC3254 Datasheet HTML 7Page - Texas Instruments TLV320AIC3254 Datasheet HTML 8Page - Texas Instruments TLV320AIC3254 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 168 page
background image
1.4
Detailed Description
TLV320AIC3254
Ultra Low Power Stereo Audio Codec With Embedded miniDSP
SLAS549A – SEPTEMBER 2008 – REVISED OCTOBER 2008
www.ti.com
The TLV320AIC3254 features two fully programmable miniDSP cores that support application-specific
algorithms in the record and/or the playback path of the device. The miniDSP cores are fully software
controlled. Target algorithms, like active noise cancellation, acoustic echo cancellation or advanced DSP
filtering are loaded into the device after power-up.
Extensive Register based control of power, input/output channel configuration, gains, effects,
pin-multiplexing and clocks is included, allowing the device to be precisely targeted to its application.
Combined with the advanced PowerTune technology, the device can cover operations from 8 kHz mono
voice playback to audio stereo 192kHz DAC playback, making it ideal for portable battery-powered audio
and telephony applications.
The record path of the TLV320AIC3254 covers operations from 8kHz mono to 192kHz stereo recording,
and contains programmable input channel configurations covering single-ended and differential setups, as
well as floating or mixing input signals. It also includes a digitally-controlled stereo microphone preamplifier
and integrated microphone bias. Digital signal processing blocks can remove audible noise that may be
introduced by mechanical coupling, e.g. optical zooming in a digital camera.
The playback path offers signal-processing blocks for filtering and effects, and supports flexible mixing of
DAC and analog input signals as well as programmable volume controls. The playback path contains two
high-power output drivers as well as two fully-differential outputs. The high-power outputs can be
configured in multiple ways, including stereo and mono BTL.
The integrated PowerTune technology allows the device to be tuned to just the right power-performance
trade-off. Mobile applications frequently have multiple use cases requiring very low power operation while
being used in a mobile environment. When used in a docked environment power consumption typically is
less of a concern, while minimizing noise is important. With PowerTune, the TLV320AIC3254 addresses
both cases.
The voltage supply range for the TLV320AIC3254 for analog is 1.5V–1.95V, and for digital it is
1.26V–1.95V. To ease system-level design, LDOs are integrated to generate the appropriate analog or
digital supply from input voltages ranging from 1.8V to 3.6V. Digital I/O voltages are supported in the
range of 1.1V–3.6V.
The required internal clock of the TLV320AIC3254 can be derived from multiple sources, including the
MCLK pin, the BCLK pin, the GPIO pin or the output of the internal PLL, where the input to the PLL again
can be derived from the MCLK pin, the BCLK or GPIO pins. Although using the PLL ensures the
availability of a suitable clock signal, it is not recommended for the lowest power settings. The PLL is
highly programmable and can accept available input clocks in the range of 512kHz to 50MHz.
The device is available in the 5-mm
× 5-mm, 32-pin QFN package.
Introduction
2
Submit Documentation Feedback


Similar Part No. - TLV320AIC3254

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - TLV320AIC3254

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_15 Datasheet
1Mb / 53P
[Old version datasheet]   TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com