Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC8520RHAR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520RHAR
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520RHAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC8520RHAR Datasheet HTML 4Page - Texas Instruments CC8520RHAR Datasheet HTML 5Page - Texas Instruments CC8520RHAR Datasheet HTML 6Page - Texas Instruments CC8520RHAR Datasheet HTML 7Page - Texas Instruments CC8520RHAR Datasheet HTML 8Page - Texas Instruments CC8520RHAR Datasheet HTML 9Page - Texas Instruments CC8520RHAR Datasheet HTML 10Page - Texas Instruments CC8520RHAR Datasheet HTML 11Page - Texas Instruments CC8520RHAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
8
Copyright
© 2010, Texas Instruments Incorporated
2
SYSTEM DESCRIPTION
The CC8520 is a 2.4GHz wireless SoC operating in the 2.4 GHz ISM band designed for streaming digital
audio wirelessly. It is designated to operate autonomously (without any host MCU) but certain aspects of
operation can be controlled by a host MCU.
Before operation, the CC8520 must be programmed with a user-specific FW image, which can be created
using the PPW Configurator [1]. The configuration file can be programmed into the on-chip Flash memory by
using the PPW Configurator and the CC Debugger [2] and is also programmable in a production line. The
configuration image contains information identifying the device as a master or a slave, how many channels are
supported, the direction of the audio channels, HID support, audio device supported and more.
If CC8520 is configured as a slave, it will automatically start searching for a valid audio network. If configured
as a master, it will start a new network. As soon as a network is formed, audio transmission will commence.
The CC8520 will automatically configure an attached supported audio IC (see compatibility list for a list of
supported ICs in chapter 3).
3
SUPPORTED AUDIO DEVICES
Supported ADC/DAC/Codec/Amplifier Devices
The following device drivers will initially be implemented:
Device
DESCRIPTION
AIC3101
Low-Power Stereo Codec with 6 Inputs, 6 Outputs,
Speaker/HP Amp and Enhanced Digital Effects
AIC3104
Low-Power Stereo CODEC with 6 Inputs, 6 Outputs, HP Amp
and Enhanced Digital Effects
ADC3101
92dB SNR Low-Power Stereo ADC with Digital Mic Support
AIC3204
AIC3204: Very Low-Power Stereo Audio CODEC with Power
Tune™ Technology
Note: The complete list of supported devices can be found in the PPW Configurator [1].
Supported SPDIF-RX / SPDIF-TX / DSP Devices
The following device drivers will be implemented:
Device
DESCRIPTION
DIR9001
96 kHz, 24-Bit Digital Audio Interface Receiver
DIT4096
96 kHz, Digital Audio Transmitter
DSP
Generic Digital Audio Device
Note: The complete list of supported devices can be found in the PPW Configurator [1].
Other audio devices
The CC8520 is compatible with any I2S-based audio device that does not need to be configured at power-up
and that is compatible with the requirements listed in the audio interface (Chapter 6). It is also compatible with
a wide range of TI DSPs using an I2S interface.


Similar Part No. - CC8520RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC8520RHAR TI-CC8520RHAR Datasheet
427Kb / 17P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520RHAR TI-CC8520RHAR Datasheet
654Kb / 18P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
More results

Similar Description - CC8520RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC8520 TI-CC8520 Datasheet
427Kb / 17P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520_11 Datasheet
654Kb / 18P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
   Wireless External Antenna for 2.4 GHz Application
W1027 PULSE-W1027 Datasheet
213Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038M PULSE-W1038M Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
W1030 PULSE-W1030 Datasheet
1Mb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
   Wireless External Antenna for 2.4 GHz Applications
logo
Linear Technology
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
   2.4 GHz 802.15.4 Wireless Mote
logo
Pulse A Technitrol Comp...
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com