Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0640SCMCT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NP0640SCMCT3G
Description  100A, Ultra Low Capacitance TSPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP0640SCMCT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NP0640SCMCT3G Datasheet HTML 1Page - ON Semiconductor NP0640SCMCT3G Datasheet HTML 2Page - ON Semiconductor NP0640SCMCT3G Datasheet HTML 3Page - ON Semiconductor NP0640SCMCT3G Datasheet HTML 4Page - ON Semiconductor NP0640SCMCT3G Datasheet HTML 5Page - ON Semiconductor NP0640SCMCT3G Datasheet HTML 6Page - ON Semiconductor NP0640SCMCT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NP−SCMC Series
http://onsemi.com
4
ELECTRICAL PARAMETER/RATINGS DEFINITIONS
Symbol
Parameter
VDRM
Repetitive Peak Off−state Voltage
V(BO)
Breakover Voltage
IDRM
Off−state Current
I(BO)
Breakover Current
IH
Holding Current
VT
On−state Voltage
IT
On−state Current
ITSM
Nonrepetitive Peak On−state Current
IPPS
Nonrepetitive Peak Impulse Current
VD
Off−state Voltage
ID
Off−state Current
Figure 1. Voltage Current Characteristics of TSPD
VT
IPPS
ITSM
IT
ID
IH
−Voltage
+Voltage
−I
+I
I(BO)
IDRM
VD
V(BO)
VDRM
Off−State Region
TIME (ms)
0
50
0
100
tr = rise time to peak value
tf = decay time to half value
tr
tf
Peak
Value
Half Value
1
10
100
0.1
1
10
100
1000
Figure 2. Nonrepetitive On−State Current vs. Time
(ITSM)
Figure 3. Nonrepetitive On−State Impulse vs.
Waveform (IPPS)
CURRENT DURATION (s)
Detailed Operating Description
The TSPD or Thyristor Surge Protection Device are
specialized silicon based overvoltage protectors, used to
protect sensitive electronic circuits from damaging
overvoltage transient surges caused by induced lightning
and powercross conditions.
The TSPD protects by switching to a low on state voltage
when the specified protection voltage is exceeded. This is
known as a “crowbar” effect. When an overvoltage occurs,
the crowbar device changes from a high−impedance to a
low−impedance state. This low−impedance state then offers
a path to ground, shunting unwanted surges away from the
sensitive circuits.
This crowbar action defines the TSPD’s two states of
functionality: Open Circuit and Short Circuit.
Open Circuit – The TSPD must remain transparent during
normal circuit operation. The device looks like an open
across the two wire line.
Short Circuit – When a transient surge fault exceeds the
TSPD protection voltage threshold, the devices switches on,


Similar Part No. - NP0640SCMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP0640SCT3G ONSEMI-NP0640SCT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
More results

Similar Description - NP0640SCMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP-SAMC ONSEMI-NP-SAMC Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP0640SBMCT3G ONSEMI-NP0640SBMCT3G Datasheet
135Kb / 7P
   80A, Ultra Low Capacitance TSPD
September, 2008 ??Rev. 1
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
   ULTRA LOW CAPACITANCE
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
   Ultra Low Capacitance
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
   Ultra low isolation capacitance
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
   Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
   Ultra-Low Capacitance TVS Diode
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com