Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0640SBMCT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NP0640SBMCT3G
Description  80A, Ultra Low Capacitance TSPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP0640SBMCT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NP0640SBMCT3G Datasheet HTML 1Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 2Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 3Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 4Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 5Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 6Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NP−SBMC Series
http://onsemi.com
5
TIME (ms)
0
50
0
100
tr = rise time to peak value
tf = decay time to half value
tr
tf
Peak
Value
Half Value
1
10
100
0.1
1
10
100
1000
Figure 2. Nonrepetitive On−State Current vs. Time
(ITSM)
Figure 3. Nonrepetitive On−State Impulse vs.
Waveform (IPPS)
CURRENT DURATION (s)
Detailed Operating Description
The TSPD or Thyristor Surge Protection Device are
specialized silicon based overvoltage protectors, used to
protect sensitive electronic circuits from damaging
overvoltage transient surges caused by induced lightning
and powercross conditions.
The TSPD protects by switching to a low on state voltage
when the specified protection voltage is exceeded. This is
known as a “crowbar” effect. When an overvoltage occurs,
the crowbar device changes from a high−impedance to a
low−impedance state. This low−impedance state then offers
a path to ground, shunting unwanted surges away from the
sensitive circuits.
This crowbar action defines the TSPD’s two states of
functionality: Open Circuit and Short Circuit.
Open Circuit – The TSPD must remain transparent during
normal circuit operation. The device looks like an open
across the two wire line.
Short Circuit – When a transient surge fault exceeds the
TSPD protection voltage threshold, the devices switches on,
and shorts the transient to ground, safely protecting the
circuit.
Figure 4. Normal and Fault Conditions
Protected
Equipment
+
+
V(OP)
I(OP)
TSPD
Normal Circuit Operation
Protected
Equipment
+
+
V(Fault)
I(Fault)
TSPD
Operation during a Fault
I(Fault)
•TSPD looks like an open
•Circuit operates normally
•Fault voltage greater than Vbo occurs
•TSPD shorts fault to ground
•After short duration events the O/V
switches back to an open condition
•Worst case (Fail/Safe)
•O/V permanent short
•Equipment protected
The electrical characteristics of the TSPD help the user to
define the protection threshold for the circuit. During the
open circuit condition the device must remain transparent;
this is defined by the IDRM. The IDRM should be as low as
possible. The typical value is less than 5
mA.
The circuit operating voltage and protection voltage must
be understood and considered during circuit design. The
V(BO) is the guaranteed maximum voltage that the protected
circuit will see, this is also known as the protection voltage.
The VDRM is the guaranteed maximum voltage that will
keep the TSPD in its normal open circuit state. The TSPD
V(BO) is typically a 20−30% higher than the VDRM. Based
on these characteristics it is critical to choose devices which
have a VDRM higher than the normal circuit operating
voltage, and a V(BO) which is less than the failure threshold
of the protected equipment circuit. A low on−state voltage
Vt allows the TSPD to conduct large amounts of surge
current (500 A) in a small package size.
Once a transient surge has passed and the operating
voltage and currents have dropped to their normal level the
TSPD changes back to its open circuit state.


Similar Part No. - NP0640SBMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP0640SBT3G ONSEMI-NP0640SBT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
NP0640SBT3G ONSEMI-NP0640SBT3G Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
More results

Similar Description - NP0640SBMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP-SAMC ONSEMI-NP-SAMC Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP0640SCMCT3G ONSEMI-NP0640SCMCT3G Datasheet
139Kb / 7P
   100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
   ULTRA LOW CAPACITANCE
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
   Ultra Low Capacitance
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
   Ultra low isolation capacitance
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
   Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
   Ultra-Low Capacitance TVS Diode
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com