Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU2G14AMX1TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU2G14AMX1TCG
Description  Dual Schmitt-Trigger Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2G14AMX1TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLU2G14AMX1TCG Datasheet HTML 1Page - ON Semiconductor NLU2G14AMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU2G14AMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU2G14AMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU2G14AMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU2G14AMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU2G14AMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU2G14AMX1TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLU2G14
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = −555C to
+1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
VT+
Positive
Threshold
Voltage
3.0
4.5
5.5
1.85
2.86
3.50
2.0
3.0
3.6
2.2
3.15
3.85
2.2
3.15
3.85
2.2
3.15
3.85
V
VT−
Negative
Threshold
Voltage
3.0
4.5
5.5
0.9
1.35
1.65
1.5
2.3
2.9
1.65
2.46
3.05
0.9
1.35
1.65
0.9
1.35
1.65
V
VH
Hysteresis
Voltage
3.0
4.5
5.5
0.30
0.40
0.50
0.57
0.67
0.74
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
V
VOH
Minimum
High−Level
Output
Voltage
VIN v VT−MIN
IOH = −50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
VIN v VT−MIN
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Maximum
Low−Level
Output
Voltage
VIN w VT+MAX
IOL = 50 mA
2.0
3.0
4.5
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN w VT+MAX
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Input
Leakage
Current
0 v VIN v 5.5
V
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Quiescent
Supply
Current
0 v VIN v VCC
5.5
1.0
10
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = −555C to
+1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay,
Input A to Output Y
3.0 to
3.6
CL = 15 pF
7.0
12.8
1.0
15
1.0
17
ns
CL = 50 pF
8.5
16.3
1.0
18.5
1.0
20.5
4.5 to
5.5
CL = 15 pF
4.0
8.6
1.0
10
1.0
11.5
CL = 50 pF
5.5
10.6
1.0
12
1.0
13.5
CIN
Input Capacitance
5.0
10
10
10
pF
CPD
Power Dissipation
Capacitance (Note 3)
5.0
7.0
pF
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption
without load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the
no−load dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU2G14AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G14AMUTCG ONSEMI-NLU2G14AMUTCG Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
More results

Similar Description - NLU2G14AMX1TCG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com