Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT86CMX1TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLU1GT86CMX1TCG
Description  Single 2-Input Exclusive OR Gate, TTL Level LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT86CMX1TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLU1GT86CMX1TCG Datasheet HTML 1Page - ON Semiconductor NLU1GT86CMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU1GT86CMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU1GT86CMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU1GT86CMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU1GT86CMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU1GT86CMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU1GT86CMX1TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2008
March, 2008 - Rev. 2
1
Publication Order Number:
NLU1GT86/D
NLU1GT86
Single 2-Input Exclusive OR
Gate, TTL Level
LSTTL-Compatible Inputs
The NLU1GT86 MiniGate
t is an advanced CMOS high-speed
2-input Exclusive OR gate in ultra-small footprint.
The device input is compatible with TTL-type input thresholds and
the output has a full 5.0 V CMOS level output swing.
The NLU1GT86 input and output structures provide protection
when voltages up to 7.0 V are applied, regardless of the supply
voltage.
Features
High Speed: tPD = 3.1 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
TTL-Compatible Input: VIL = 0.8 V; VIH = 2.0 V
CMOS-Compatible Output:
VOH > 0.8 VCC; VOL < 0.1 VCC @ Load
Power Down Protection Provided on inputs
Balanced Propagation Delays
Ultra-Small Packages
These are Pb-Free Devices
VCC
IN B
IN A
OUT Y
GND
1
2
3
5
4
IN A
OUT Y
= 1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
NC
IN B
MARKING
DIAGRAMS
6
= Device Marking
M
= Date Code
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
6M
1
UDFN6
MU SUFFIX
CASE 517AA
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5NC
OUT Y
FUNCTION TABLE
L
L
H
H
AY
L
H
H
L
6VCC
Input
Output
B
L
H
L
H
1
1
1
ULLGA6
1.0 x 1.0
CASE 613AD
ULLGA6
1.2 x 1.0
CASE 613AE
ULLGA6
1.45 x 1.0
CASE 613AF
6M
6M
6M


Similar Part No. - NLU1GT86CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT86 ONSEMI-NLU1GT86 Datasheet
131Kb / 5P
   Single 2-Input Exclusive OR Gate, TTL Level
July, 2016 ??Rev. 4
NLU1GT86MUTCG ONSEMI-NLU1GT86MUTCG Datasheet
131Kb / 5P
   Single 2-Input Exclusive OR Gate, TTL Level
July, 2016 ??Rev. 4
NLU1GT86 ONSEMI-NLU1GT86_16 Datasheet
131Kb / 5P
   Single 2-Input Exclusive OR Gate, TTL Level
July, 2016 ??Rev. 4
More results

Similar Description - NLU1GT86CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT86A ONSEMI-MC74HCT86A Datasheet
166Kb / 8P
   Quad 2-Input Exclusive OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
logo
E-Tech Electronics LTD
MC74VHC1GT86 ETL-MC74VHC1GT86 Datasheet
578Kb / 4P
   2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
NLU1GT86 ONSEMI-NLU1GT86_16 Datasheet
131Kb / 5P
   Single 2-Input Exclusive OR Gate, TTL Level
July, 2016 ??Rev. 4
logo
Leshan Radio Company
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
   2-Input OR Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
NLU1GT04 ONSEMI-NLU1GT04 Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
MC74HCT32A ONSEMI-MC74HCT32A Datasheet
163Kb / 8P
   Quad 2-Input OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
NLU1GT32 ONSEMI-NLU1GT32 Datasheet
147Kb / 8P
   Single 2-Input OR Gate, TTL Level
July, 2009 ??Rev. 4
NLU1GT32 ONSEMI-NLU1GT32_16 Datasheet
144Kb / 7P
   Single 2-Input OR Gate, TTL Level
June, 2016 ??Rev. 7
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
MC74VHC1GT86 ONSEMI-MC74VHC1GT86_07 Datasheet
80Kb / 6P
   2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com