Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R05L15 Datasheet(PDF) 1 Page - Recom International Power

Part # R05L15
Description  EUROLINE - DC/DC - CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05L15 Datasheet(HTML) 1 Page - Recom International Power

  R05L15 Datasheet HTML 1Page - Recom International Power R05L15 Datasheet HTML 2Page - Recom International Power R05L15 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EU 2
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxL and RxxM Series, 0.25 Watt, DIP8/SIP4, 1kVDC Isolation (Single Output)
Selection Guide 3.3V, 5V and 12V input types
Typical Isolation Capitance (pF)
Absolute Maximum Ratings Over Operating Free Air Temperature Range
High Efficiency for Low Power
Applications
Pin Compatible with Industrie
Standard
Single Output Rail
UL 94V-O Package Material
No Heatsink Required
Toroidal Magnetics
Fully Encapsulated
No External Components Required
Custom Solutions Available
Features
Part Number
Output
Output
Package
Voltage
Current
Style
(V)
(mA)
RxxL03
3.3
76
RxxL05
5
50
RxxL09
9
28
DIP8
RxxL12
12
21
RxxL15
15
16
RxxM03
3.3
76
RxxM05
5
50
RxxM09
9
28
SIP4
RxxM12
12
21
RxxM15
15
16
Part Number
Output Voltage (V)
03V
05V
09V
12V
15V
R03L/Mxx
25
70
38
38
R05L/Mxx
25
29
37
41
40
R12L/Mxx
38
40
43
45
Input Voltage V
IN
3V types
5V
Input Voltage V
IN
5V types
7V
Input Voltage V
IN
12V types
15V
Output Power Total
250mW
Short Circuit Duration
1s
Isolation Voltage (flash tested for 1 second)
1000VDC
Operating Free Air Temperature Range (requires a minimum of 10 mm air space around the component)
–40°C to 70°C (see derating Curve)
Storage Temperature Range
–55°C to 150°C
Lead Temperature (1.5 mm from case for 10 seconds)
300 °C


Similar Part No. - R05L15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
R05LD10 UTC-R05LD10 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R05LD10G-S08-R UTC-R05LD10G-S08-R Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R05LD10G-TF-T UTC-R05LD10G-TF-T Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R05LD10G-TN5-R UTC-R05LD10G-TN5-R Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R05LD10L-S08-R UTC-R05LD10L-S08-R Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results

Similar Description - R05L15

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
   EUROLINE - DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
   EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05105 RECOM-R05105 Datasheet
86Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
   EUROLINE DC/DC-Converter
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com